Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7KA00-R0 Datasheet (PDF) - Murata Manufacturing Co., Ltd

SFECV10M7KA00-R0 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # SFECV10M7KA00-R0
Download  SFECV10M7KA00-R0 Download
File Size   1456.33 Kbytes
Page   77 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description (Filters/Traps/Discriminators) for Audio/Visual Equipment

SFECV10M7KA00-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFECV10M7KA00-R0 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # SFECV10M7KA00-R0
Download  SFECV10M7KA00-R0 Click to download

File Size   1456.33 Kbytes
Page   77 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description (Filters/Traps/Discriminators) for Audio/Visual Equipment

SFECV10M7KA00-R0 Datasheet (HTML) - Murata Manufacturing Co., Ltd


SFECV10M7KA00-R0 Product details

c Features
1. The fi lters are mountable by automatic placers.
2. They are slim, at only 1.4mm max. thickness, and
have a small mounting area (3.45x3.1mm) enabling
fl exible PCB design.
3. Various bandwidths are available. Select a
suitable type in accordance with the desired
selectivity.
4. Operating Temperature Range:
-20 to +80°C (Standard Type)
-40 to +85°C (High-reliability Type)
Storage Temperature Range:
-40 to +85°C (Standard Type)
-55 to +85°C (High-reliability Type)




Similar Part No. - SFECV10M7KA00-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFECV10M7KA00-R0 MURATA-SFECV10M7KA00-R0 Datasheet
992Kb / 57P
Ceramic Filters (CERAFIL) for FM Receivers
SFECV10M7KA00-R0 MURATA-SFECV10M7KA00-R0 Datasheet
217Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFECV10M7KA00-R0 MURATA1-SFECV10M7KA00-R0 Datasheet
334Kb / 3P
Filters
04/11/2024
SFECV10M7KA00-R0 MURATA1-SFECV10M7KA00-R0_V01 Datasheet
334Kb / 3P
Filters
04/11/2024
More results


Similar Description - SFECV10M7KA00-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFULA455KB2A-B0 MURATA-CFULA455KB2A-B0 Datasheet
224Kb / 16P
Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
Filters for Communication Equipment
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
Filters for Communication Equipment
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
Filters for Communication Equipment
logo
TDK Electronics
AVRF06 TDK-AVRF06 Datasheet
268Kb / 10P
ESD Notch Filters For wireless audio equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
Filters for Communication Equipment
06.12.25
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
Filters for Communication Equipment
10.12.17
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
Filters for Communication Equipment
06.12.25
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com