Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8M06B Datasheet (PDF) - ON Semiconductor

8M06B Datasheet PDF - ON Semiconductor
Part # 8M06B
Download  8M06B Download
File Size   309.71 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA Positive Voltage Regulators

8M06B Datasheet (PDF)

Go To PDF Page Download Datasheet
8M06B Datasheet PDF - ON Semiconductor

Part # 8M06B
Download  8M06B Click to download

File Size   309.71 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA Positive Voltage Regulators

8M06B Datasheet (HTML) - ON Semiconductor


8M06B Product details

Description
The MC78M00/MC78M00A Series positive voltage regulators are
identical to the popular MC7800 Series devices, except that they are
specified for only half the output current. Like the MC7800 devices,
the MC78M00 threeïterminal regulators are intended for local,
onïcard voltage regulation.
Internal current limiting, thermal shutdown circuitry and safeïarea
compensation for the internal pass transistor combine to make these
devices remarkably rugged under most operating conditions.
Maximum output current, with adequate heatsinking is 500 mA.

Features
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor SafeïArea Compensation
• MC78M00A High Accuracy (±2%)
Available for 5.0 V, 8.0 V, 12 V and 15 V
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AECïQ100
Qualified and PPAP Capable
• These are PbïFree Devices




Similar Part No. - 8M06B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8M052489 ETC-8M052489 Datasheet
84Kb / 2P
8m Class DC to AC Inverter
logo
ON Semiconductor
8M05B ONSEMI-8M05B Datasheet
153Kb / 16P
500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
More results


Similar Description - 8M06B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
3-Terminal 500-mA Positive Voltage Regulators
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com