Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH9485 Datasheet (PDF) - Diodes Incorporated

AH9485 Datasheet PDF - Diodes Incorporated
Part # AH9485
Download  AH9485 Download
File Size   624.68 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE LOW NOISE SMART MOTOR DRIVER

AH9485 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH9485 Datasheet PDF - Diodes Incorporated

Part # AH9485
Download  AH9485 Click to download

File Size   624.68 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE LOW NOISE SMART MOTOR DRIVER

AH9485 Datasheet (HTML) - Diodes Incorporated


AH9485 Product details

Features
 Internal Full Bridge Driver
 High Sensitivity Integrated Hall Sensor
 Low and Wide Supply Voltage Range of 2V to 6V
 Soft Switching for Low Noise
 Rotor Lock Protection and Auto-Restart
 DC Voltage or PWM Signal Speed Control
 Thermal Protection
 Tachometer FG Output(AH9485) or Rotor Lock Alarm RD Output
(AH9486)
 Operating Temperature Range of -40ºC to +105ºC
 Flat Pin TSOT26F Package
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 5V Low Noise BLDC Cooling Fans
 Low Voltage / Low Power BLDC Motors
 Notebook / VGA DC Fans / Blowers
 Micro-Motors




Similar Part No. - AH9485

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9480M8TR-G1 BCDSEMI-AH9480M8TR-G1 Datasheet
513Kb / 16P
Single Phase Low Noise Smart Motor Driver Full Bridge Driver
AH9480Z5-G1 BCDSEMI-AH9480Z5-G1 Datasheet
513Kb / 16P
Single Phase Low Noise Smart Motor Driver Full Bridge Driver
AH9481M8TR-G1 BCDSEMI-AH9481M8TR-G1 Datasheet
513Kb / 16P
Single Phase Low Noise Smart Motor Driver Full Bridge Driver
AH9481Z5-G1 BCDSEMI-AH9481Z5-G1 Datasheet
513Kb / 16P
Single Phase Low Noise Smart Motor Driver Full Bridge Driver
More results


Similar Description - AH9485

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US168 MELEXIS-US168 Datasheet
624Kb / 13P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
BCD Semiconductor Manuf...
AH9479 BCDSEMI-AH9479 Datasheet
513Kb / 16P
Single Phase Low Noise Smart Motor Driver Full Bridge Driver
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Unisonic Technologies
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
logo
Feeling Technology Corp...
FD128MX FEELING-FD128MX Datasheet
234Kb / 11P
Single Phase Smart DC Motor Driver IC
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com