Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8843Q Datasheet (PDF) - Diodes Incorporated

AL8843Q Datasheet PDF - Diodes Incorporated
Part # AL8843Q
Download  AL8843Q Download
File Size   1145.75 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT 40V 3A STEP-DOWN LED DRIVER

AL8843Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8843Q Datasheet PDF - Diodes Incorporated

Part # AL8843Q
Download  AL8843Q Click to download

File Size   1145.75 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT 40V 3A STEP-DOWN LED DRIVER

AL8843Q Datasheet (HTML) - Diodes Incorporated


AL8843Q Product details

Features
• Qualified to AEC-Q100 Grade 1
• Wide Input Voltage Range: 4.5V to 40V
• Output Current up to 3A
• Internal 40V NDMOS Switch
• Typical 4% Output Current Accuracy
• Single Pin for On/Off and Brightness Control by DC Voltage or
PWM Signal
• Recommended Analog Dimming Range: 10% to 100%
• Soft-Start
• High Efficiency (Up to 97%)
• LED Short Protection
• Inherent Open-Circuit LED Protection
• Over Temperature Protection (OTP)
• Up to 1MHz Switching Frequency
• SO-8EP Package Available in Green Molding Compound (No Br,
Sb)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AL8843Q suitable for automotive applications requiring
specific change control; this part is AEC-Q100 qualified,
PPAP capable, and manufactured in IATF 16949 certified
facilities.

Applications
• Automotive Daytime Running Lights
• Automotive Front and Rear Fog Lights
• Automotive Turn/Stop Lights
• Automotive Dimmable Interior Lights




Similar Part No. - AL8843Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8843 DIODES-AL8843 Datasheet
565Kb / 18P
40V 3A STEP-DOWN LED DRIVER
Rev 1
AL8843SP-13 DIODES-AL8843SP-13 Datasheet
565Kb / 18P
40V 3A STEP-DOWN LED DRIVER
Rev 1
More results


Similar Description - AL8843Q

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3453 EUTECH-EUP3453 Datasheet
96Kb / 1P
3A,40V,200KHz Step-Down Converter
logo
Exar Corporation
XR79203 EXAR-XR79203 Datasheet
2Mb / 19P
40V, 3A Synchronous Step-Down
logo
Eutech Microelectronics...
EUP3490 EUTECH-EUP3490 Datasheet
856Kb / 1P
3A,40V,200KHz Step-Down Converter
logo
Diodes Incorporated
AL8843 DIODES-AL8843 Datasheet
565Kb / 18P
40V 3A STEP-DOWN LED DRIVER
Rev 1
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
3A, 40V Asynchronous Step-Down Converter
logo
Shenzhen Tianyuan Semic...
TP5678 TPOWER-TP5678 Datasheet
751Kb / 6P
40V 3A Synchronous Step-Down DC-DC Converter Chip
logo
Rohm
BD16912EFV-C ROHM-BD16912EFV-C Datasheet
3Mb / 44P
40V/3A Rating H Bridge Driver for Automotive
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
3A-60V LED Step-Down Converter
HM4101 HMSEMI-HM4101 Datasheet
579Kb / 12P
220KHz 40V 3A switch current step-down LED constant current driver
logo
ACE Technology Co., LTD...
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com