Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8860Q Datasheet (PDF) - Diodes Incorporated

AL8860Q Datasheet PDF - Diodes Incorporated
Part # AL8860Q
Download  AL8860Q Download
File Size   884.33 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER

AL8860Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8860Q Datasheet PDF - Diodes Incorporated

Part # AL8860Q
Download  AL8860Q Click to download

File Size   884.33 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER

AL8860Q Datasheet (HTML) - Diodes Incorporated


AL8860Q Product details

Features
 Wide Input Voltage Range: 4.5V to 40V
 Output Current Up to 1.5A
 Internal 40V NDMOS Switch
 Typical 5% Output Current Accuracy
 Single Pin for On/Off and Brightness Control by DC Voltage or
PWM Signal
 High Efficiency (>95%)
 LED Short-Circuit Protection
 Inherent LED Open-Circuit Protection
 Over Temperature Shutdown
 Up to 1MHz Switching Frequency
 Pb-Free MSOP-8EP Package
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The AL8860Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Automotive interior LED lamps
 Automotive exterior LED lamps




Similar Part No. - AL8860Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 1
AL8860 DIODES-AL8860 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8860MP-13 DIODES-AL8860MP-13 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8860WT-7 DIODES-AL8860WT-7 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
More results


Similar Description - AL8860Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
AL8806Q DIODES-AL8806Q Datasheet
661Kb / 13P
HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 1
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
Rev 1
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
40V 1.5A BUCK LED DRIVER
Rev 3
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
logo
Diodes Incorporated
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com