Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8871Q Datasheet (PDF) - Diodes Incorporated

AL8871Q Datasheet PDF - Diodes Incorporated
Part # AL8871Q
Download  AL8871Q Download
File Size   772.98 Kbytes
Page   28 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V BUCK-BOOST LED CONTROLLER

AL8871Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8871Q Datasheet PDF - Diodes Incorporated

Part # AL8871Q
Download  AL8871Q Click to download

File Size   772.98 Kbytes
Page   28 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V BUCK-BOOST LED CONTROLLER

AL8871Q Datasheet (HTML) - Diodes Incorporated


AL8871Q Product details

Features
• AEC-Q100 Grade 1 Qualified
• Wide Input Voltage Range: 5V to 60V
• Operating Frequency Up to 1MHz
• Analog Dimming Range: 10% to 100%
• 1000:1 PWM Dimming Resolution at 500 Hz
• High Temperature Control of LED Current Using TCTRL
• Fault Reporting for Abnormal Operations
• Overtemperature Shutdown
• Available in Thermally Enhanced TSSOP-16EP Package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.

Applications
• Automotive Daytime Running Lights
• Automotive Head Lamps
• Automotive Fog Lamps
• Automotive Interior Lamps




Similar Part No. - AL8871Q

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AL88-6 ALTECH-AL88-6 Datasheet
94Kb / 1P
ALUMINUM ENCLOSURE AL 88-6
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
AL8805 DIODES-AL8805 Datasheet
98Kb / 8P
The input bridge rectifier provides the board with reverse battery protection.
AUGUST 2010
AL8805E5TA DIODES-AL8805E5TA Datasheet
144Kb / 8P
The evaluation board does not have reverse supply protection
AUGUST 2010
AL8805E5TA DIODES-AL8805E5TA Datasheet
98Kb / 8P
The input bridge rectifier provides the board with reverse battery protection.
AUGUST 2010
More results


Similar Description - AL8871Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT3762 LINER-LT3762 Datasheet
2Mb / 34P
60V Synchronous Boost LED Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com