Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9468 Datasheet (PDF) - Diodes Incorporated

AM9468 Datasheet PDF - Diodes Incorporated
Part # AM9468
Download  AM9468 Download
File Size   1081.38 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER

AM9468 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM9468 Datasheet PDF - Diodes Incorporated

Part # AM9468
Download  AM9468 Click to download

File Size   1081.38 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER

AM9468 Datasheet (HTML) - Diodes Incorporated


AM9468 Product details

Features
 Single-Phase Full Wave BLDC Fan/Motor Drive with BTL Output
(BTL Amplifier Gain = 49dB)
 Low Noise Architecture
 Wide Operating Voltage Range: 2.4V to 18V
 PWM Speed Control with External PWM Input
 DC Voltage Speed Control by Adjusting VCONT and RMI
Voltage
 Hall Bias Output: VHB = 1.25V
 Built-in Quick Start Circuit
 Lock Protection with Automatic Restart
 Frequency Generator (FG) Output
 Rotor Lock Detection (RD) Output
 Current Limit Circuit
 RF Defines The Current Limit;
RF = 1Ω will Achieve 250mA Current Limit
 Thermal Shut-Down (TSD) Circuit
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Applications
• 9V/ 12V / 15V BLDC Cooling Fans and Motors
• CPU Cooling Fans for Notebooks and Desktop BLDC Fans
• Instruments Cooling Fans
• Medium Voltage/ Low Power BLDC Motors




Similar Part No. - AM9468

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
AM9469-T16E-13 DIODES-AM9469-T16E-13 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Similar Description - AM9468

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 2
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver
Rev 1
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 1
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 2
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com