Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS56AF Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

SS56AF Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # SS56AF
Download  SS56AF Download
File Size   1301.27 Kbytes
Page   2 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description SCHOTTKY BARRIE R RECTIFIER

SS56AF Datasheet (PDF)

Go To PDF Page Download Datasheet
SS56AF Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # SS56AF
Download  SS56AF Click to download

File Size   1301.27 Kbytes
Page   2 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description SCHOTTKY BARRIE R RECTIFIER

SS56AF Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.


SS56AF Product details

FEATURES
Very low forward voltage:0.55V
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
For surface mount applications
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
Low profile package
built-in strain relief ,ideal for automated placement
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:260 /10 seconds at terminals
Component in accordance to RoHS 2002 95 EC and
WEEE 2002 96 EC
°C
/ /
/ /




Similar Part No. - SS56AF

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS56A BILIN-SS56A Datasheet
552Kb / 4P
Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS56A FS-SS56A Datasheet
417Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS56A LEIDITECH-SS56A Datasheet
371Kb / 3P
Schottky rectifier
logo
FutureWafer Tech Co.,Lt...
SS56A FUTUREWAFER-SS56A Datasheet
1Mb / 9P
Schottky Barrier Diode
logo
SAMYANG ELECTRONICS CO....
SS56A SAMYANG-SS56A Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SS56AF

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LL5817 SAMYANG-LL5817 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
LS22 SAMYANG-LS22 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS56SLS SAMYANG-SS56SLS Datasheet
1Mb / 3P
SCHOTTKY BARRIE R RECTIFIER
SM5817 SAMYANG-SM5817 Datasheet
802Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32AF SAMYANG-SS32AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32T SAMYANG-SS32T Datasheet
956Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54AF SAMYANG-SS54AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54BF SAMYANG-SS54BF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54L SAMYANG-SS54L Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54T SAMYANG-SS54T Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com