Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

515D Datasheet (PDF) - Vishay Siliconix

515D Datasheet PDF - Vishay Siliconix
Part # 515D
Download  515D Download
File Size   111.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 85 °C, Miniature, Radial Lead

515D Datasheet (PDF)

Go To PDF Page Download Datasheet
515D Datasheet PDF - Vishay Siliconix

Part # 515D
Download  515D Click to download

File Size   111.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 85 °C, Miniature, Radial Lead

515D Datasheet (HTML) - Vishay Siliconix


515D Product details

FEATURES
• High CV per case size
• Low cost
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - 515D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
Aluminum Capacitors 85 °C, Miniature, Radial Lead
07-Jan-13
515D104M050JA6AE3 VISHAY-515D104M050JA6AE3 Datasheet
102Kb / 9P
Aluminum Capacitors
12-Jun-13
515D105M050JA6AE3 VISHAY-515D105M050JA6AE3 Datasheet
102Kb / 9P
Aluminum Capacitors
12-Jun-13
515D106M016JA6AE3 VISHAY-515D106M016JA6AE3 Datasheet
102Kb / 9P
Aluminum Capacitors
12-Jun-13
515D106M025JA6AE3 VISHAY-515D106M025JA6AE3 Datasheet
102Kb / 9P
Aluminum Capacitors
12-Jun-13
More results


Similar Description - 515D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
510DX VISHAY-510DX Datasheet
90Kb / 5P
Aluminum Capacitors 125 °C, Miniature, Radial Lead
07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
Aluminum Capacitors 85 °C, Miniature, Radial Lead
07-Jan-13
516D VISHAY-516D Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
672D VISHAY-672D Datasheet
116Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
23-May-13
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
16-Apr-13
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
Aluminum Capacitors 85 C, Miniature, Axial Lead
16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
03-Mar-15
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
04-May-2018
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com