Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM25 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

RM25 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # RM25
Download  RM25 Download
File Size   144.18 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER

RM25 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM25 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # RM25
Download  RM25 Click to download

File Size   144.18 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER

RM25 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


RM25 Product details

Features
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Surge Overload Rating to 30A Peak
Low Power Loss
Built-in Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-O




Similar Part No. - RM25

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM25 SANKEN-RM25 Datasheet
12Kb / 1P
Avalanche Diodes
logo
List of Unclassifed Man...
RM25 ETC-RM25 Datasheet
12Kb / 1P
Avalanche Diodes
RM25 ETC-RM25 Datasheet
589Kb / 11P
Thick Film Chip Resistors
RM25 ETC-RM25 Datasheet
1,011Kb / 13P
Thick Film Chip Resistors
logo
EIC discrete Semiconduc...
RM25 EIC-RM25 Datasheet
95Kb / 1P
AVALANCHE DIODE
Rev. 03:February 28, 2014
More results


Similar Description - RM25

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
TAITRON Components Inco...
GL34A TAITRON-GL34A Datasheet
157Kb / 3P
0.5A Surface Mount Rectifier
MB2S TAITRON-MB2S Datasheet
145Kb / 4P
0.5A Surface Mount Bridge Rectifier
logo
Diodes Incorporated
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
EM520 ZSELEC-EM520 Datasheet
144Kb / 2P
0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com