Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2294700-R Datasheet (PDF) - Microchip Technology

2294700-R Datasheet PDF - Microchip Technology
Part # 2294700-R
Download  2294700-R Download
File Size   1319.01 Kbytes
Page   2 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12 Gbps PCIe Gen3 SAS/SATA RAID Adapters

2294700-R Datasheet (PDF)

Go To PDF Page Download Datasheet
2294700-R Datasheet PDF - Microchip Technology

Part # 2294700-R
Download  2294700-R Click to download

File Size   1319.01 Kbytes
Page   2 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12 Gbps PCIe Gen3 SAS/SATA RAID Adapters

2294700-R Datasheet (HTML) - Microchip Technology


2294700-R Product details

Highlights
• maxCache 4.0 caching software
• RAID levels: 0, 1, 5, 6, 10, 50, 60, 1 ADM and 10 ADM
• Supports simultaneous use of RAID and raw devices (mixed mode)
• Fifth-generation Zero-Maintenance Cache Protection (ZMCP)
• Up to 24 native SAS/SATA ports in a LP/MD2 design
• 12 Gbps and 6 Gbps compatibility with HDD or SSD SAS/
SATA devices
• 12 Gbps throughput per SAS port using mini-SAS HD
connectors
• 1.7M random read 4 KB IOPS1
• Industry's lowest-power 28 nm SmartROC
SAS/SATA protocol controller
• Quality and reliability through the unified, hardened Smart Storage stack, which is deployed in over 30M servers




Similar Part No. - 2294700-R

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2294 ADAFRUIT-2294 Datasheet
180Kb / 3P
Flexible 8x32 NeoPixel RGB LED Matrix
12/2/2015
logo
PHOENIX CONTACT
2294296 PHOENIX-2294296 Datasheet
67Kb / 2P
Passive module - FLKM 50/MODI-TSX/Q
12/02/2018
2294306 PHOENIX-2294306 Datasheet
127Kb / 5P
FLKM 50-PA-MODI-TSX/Q
2294322 PHOENIX-2294322 Datasheet
84Kb / 7P
Interface module - FLKMS-D25 SUB/S (1-25)
2294351 PHOENIX-2294351 Datasheet
138Kb / 5P
FLKMS-D25 SUB/B (1-25)
More results


Similar Description - 2294700-R

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
PCIe 3.0 SATASAS RAID Controllers
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
Express SATASAS RAID Controller
SAS9750-8E AVAGO-SAS9750-8E Datasheet
420Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-8I AVAGO-SAS9750-8I Datasheet
535Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-16I4E AVAGO-SAS9750-16I4E Datasheet
372Kb / 2P
Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
logo
Broadcom Corporation.
SAS3224 BOARDCOM-SAS3224 Datasheet
190Kb / 2P
PCIe to 24-port, 12 Gb/s SAS/SATA IOC
9380-8I8E BOARDCOM-9380-8I8E Datasheet
142Kb / 2P
High Port Count 12 Gb/s PCI Express SATA SAS RAID Controller
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com