Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1012V3-R330-R Datasheet (PDF) - Eaton All Rights Reserved.

FP1012V3-R330-R Datasheet PDF - Eaton All Rights Reserved.
Part # FP1012V3-R330-R
Download  FP1012V3-R330-R Download
File Size   863.8 Kbytes
Page   9 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description High frequency, high current power inductors

FP1012V3-R330-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FP1012V3-R330-R Datasheet PDF - Eaton All Rights Reserved.

Part # FP1012V3-R330-R
Download  FP1012V3-R330-R Click to download

File Size   863.8 Kbytes
Page   9 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description High frequency, high current power inductors

FP1012V3-R330-R Datasheet (HTML) - Eaton All Rights Reserved.


FP1012V3-R330-R Product details

features
• Vertical design utilizes less board space
• High current carrying capacity
• Operating frequency up to 3 MHz
• Inductance range from 70 nH to 470 nH
• Current range 22 A to 190 A
• 10.0 mm x 6.0 mm footprint surface mount
package in 12 mm height
• Moisture sensitivity level (MSL): 1
• Ferrite core material
• Weight: 3.1 grams typical

Applications
• Multi-phase and Vcore regulators
• Voltage regulator modules (VRMs) and high
power density VRMs
• Server and desktop
• Central processing unit (CPU)
• Graphics processing unit (GPU)
• Application specific integrated circuit
(ASIC)
• Data networking and storage systems
• Graphics cards and battery power systems
• Point-of-Load modules




Similar Part No. - FP1012V3-R330-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP1012 ETC1-FP1012 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP10120 ETC1-FP10120 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP10120A ETC1-FP10120A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP1012A ETC1-FP1012A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
More results


Similar Description - FP1012V3-R330-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com