Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS125 Datasheet (PDF) - Astec America, Inc

LPS125 Datasheet PDF - Astec America, Inc
Part # LPS125
Download  LPS125 Download
File Size   209.24 Kbytes
Page   3 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 120 Watts

LPS125 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS125 Datasheet PDF - Astec America, Inc

Part # LPS125
Download  LPS125 Click to download

File Size   209.24 Kbytes
Page   3 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 120 Watts

LPS125 Datasheet (HTML) - Astec America, Inc


LPS125 Product details

Special Features

• Active power factor correction

• 3" x 5" footprint

• Less than 1U high

• EN61000-3-2 compliant

• Remote sense

• Power fail and remote inhibit

• Single wire current sharing

• Adjustable main output

• Built-in Class B EMI filter

• Overvoltage protection

• Overload protection

• Thermal overload protection

• 5 V Standby output and 12V Fan output



 




Similar Part No. - LPS125

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS125 EMERSON-NETWORKPOWER-LPS125 Datasheet
227Kb / 3P
Active power factor correction
LPS125 EMERSON-NETWORKPOWER-LPS125 Datasheet
422Kb / 3P
120 Watts Active power factor correction
More results


Similar Description - LPS125

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
120 Watts
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
120-960 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
120 Watts
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
70-120 Watts
logo
List of Unclassifed Man...
HY2004 ETC2-HY2004 Datasheet
61Kb / 2P
120 WATTS Power Amplifier
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
66/120 Watts
logo
Tumbler Technologies + ...
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
120 ~ 180 Watts Power Adapters
logo
Artesyn Technologies
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
Total Power: 120 Watts
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
Total Power: 100 - 120 Watts
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com