Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GYP160803-CTC3 Datasheet (PDF) - CT Micro International Corporation

GYP160803-CTC3 Datasheet PDF - CT Micro International Corporation
Part # GYP160803-CTC3
Download  GYP160803-CTC3 Download
File Size   1103.21 Kbytes
Page   10 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description Dual Wavelength SMD Type Emitter

GYP160803-CTC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GYP160803-CTC3 Datasheet PDF - CT Micro International Corporation

Part # GYP160803-CTC3
Download  GYP160803-CTC3 Click to download

File Size   1103.21 Kbytes
Page   10 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description Dual Wavelength SMD Type Emitter

GYP160803-CTC3 Datasheet (HTML) - CT Micro International Corporation


GYP160803-CTC3 Product details

Features
 Top view 0603 package
 Viewing Angle = 65
 Compatible with infrared and vapor phase reflow
solder process
 High reliability
 Dual dominant wavelength
(G=520nm , Y=590nm)
 RoHS compliance

Applications
 Optical indicator.
 Switch and Symbol Display.

Description
The GYP160803-CTC3 is a double LED housed in a
miniature SMD package. The device has a dominant
waveleng th of 520 nm and 590 nm LED




Similar Part No. - GYP160803-CTC3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GYPRO2300 TDK-GYPRO2300 Datasheet
1Mb / 22P
MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC
GYPRO2300LD TDK-GYPRO2300LD Datasheet
1Mb / 22P
MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC
GYPRO3300 TDK-GYPRO3300 Datasheet
1Mb / 22P
MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC
logo
OSRAM GmbH
GYPSLM31.13 OSRAM-GYPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
More results


Similar Description - GYP160803-CTC3

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
BRP161504-ATC2 CTMICRO-BRP161504-ATC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
GAP161504-ATC2 CTMICRO-GAP161504-ATC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
GBP161504-CTC2 CTMICRO-GBP161504-CTC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
GRP161504-CTC2 CTMICRO-GRP161504-CTC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
GRP161504-DTC2 CTMICRO-GRP161504-DTC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
GRP201208-CTC3 CTMICRO-GRP201208-CTC3 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
GRP321015-PASC2 CTMICRO-GRP321015-PASC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
RYP321015-PASC2 CTMICRO-RYP321015-PASC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
YGRP322711-ATC3 CTMICRO-YGRP322711-ATC3 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 0 Jan, 2021
ABC352819-ATC2 CTMICRO-ABC352819-ATC2 Datasheet
1Mb / 10P
Dual Wavelength SMD Type Emitter
Rev 1 Oct, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com