Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF-5058 Datasheet (PDF) - 3M Electronics

PF-5058 Datasheet PDF - 3M Electronics
Part # PF-5058
Download  PF-5058 Download
File Size   58.54 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Fluorinert™ Liquids For Electronics Manufacturing

PF-5058 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF-5058 Datasheet PDF - 3M Electronics

Part # PF-5058
Download  PF-5058 Click to download

File Size   58.54 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Fluorinert™ Liquids For Electronics Manufacturing

PF-5058 Datasheet (HTML) - 3M Electronics


PF-5058 Product details

3M™ Fluorinert™ Liquids are a family of clear, colorless, odorless perfluorinated
fluids having a viscosity similar to water. These non-flammable liquids have set the
standard in the electronics industry for over 40 years, meeting the demanding and
diverse requirements of many heat transfer, manufacturing and testing applications.
Fluorinert liquids are thermally and chemically stable, compatible with most
sensitive materials, including metals, plastics and elastomers, and are practically
non-toxic through normal routes of industrial exposure.
Fluorinert liquids are completely fluorinated, containing no chlorine or hydrogen
atoms. The strength of the carbon-fluorine bond contributes to their extreme
stability and inertness. This chemical structure also results in very low
intermolecular forces, low surface tension and essentially no solvent action on nonfluorinated
compounds.
The dielectric strength of perfluorinated liquids is high—in excess of 35,000 volts
across a 0.1 inch gap. Water solubility is on the order of a few parts per million.
The nominal boiling point of each fluid in this series is determined during their
manufacture. Fluorinert liquids are available with boiling points ranging from
30ºC to 215ºC and pour points as low as -101ºC.




Similar Part No. - PF-5058

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1 MOLEX4-PF-1 Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
PF-1-1BK MOLEX4-PF-1-1BK Datasheet
239Kb / 2P
Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 25.40mm (1.000") InsideDiameterAs SuppliedBlack1.22m
More results


Similar Description - PF-5058

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
switch for turbulent liquids & confined spaces
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
Wall Mount Ultrasonic FlowMeter For Clean Liquids
logo
List of Unclassifed Man...
FHG-1000 ETC2-FHG-1000 Datasheet
383Kb / 2P
SCREW GEAR FLOWMETER For High Viscosity Liquids
logo
3M Electronics
FC-43 3M-FC-43 Datasheet
183Kb / 4P
3M™ Fluorinert™ Electronic Liquid FC-43
Sep-2019
FC-40 3M-FC-40 Datasheet
212Kb / 4P
3M™ Fluorinert™ Electronic Liquid FC-40
Sep-2019
logo
ES Systems
ESCP-MIS1 ES-ESCP-MIS1 Datasheet
1Mb / 19P
MEMS Capacitive Pressure & Temperature Sensor for gases & liquids.
logo
Schneider Electric
244LD SCHNEIDER-244LD Datasheet
107Kb / 2P
Performs measurements for liquid level, interface or density of liquids
Apr 26, 2022
logo
Advantech Co., Ltd.
IFS-EGM-M77F01A ADVANTECH-IFS-EGM-M77F01A Datasheet
1Mb / 3P
Manufacturing Edge
25-Feb-2021
logo
Endress+Hauser Group Se...
TI01266F EH-TI01266F Datasheet
1Mb / 44P
Level measurement for liquids
2020-08-17
TI01147F EH-TI01147F Datasheet
1Mb / 36P
Point level switch for liquids
2021-01-26
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com