Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS250 Datasheet (PDF) - Astec America, Inc

MS250 Datasheet PDF - Astec America, Inc
Part # MS250
Download  MS250 Download
File Size   656.43 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 250 Watts

MS250 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS250 Datasheet PDF - Astec America, Inc

Part # MS250
Download  MS250 Click to download

File Size   656.43 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 250 Watts

MS250 Datasheet (HTML) - Astec America, Inc


MS250 Product details

Special Features
• 250W Output
• Fixed DC Output Voltage: (-54.4 VDC)
• Convection Cooled
• Power Factor Correction
• Current Sharing of up to three units mountable on 19” or 23” brackets
• Soft Switching Technology
• Full Output Power at Full Temperature Range
• AC Connection through IEC Type Connector
• 2 DC power connections for load and/or battery strings
• 2 Alarm LED’s at front - RFA alarm, AC Fail
• Compact Size (2.48" inches High x 5.23" wide x 11.85" deep)




Similar Part No. - MS250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS250 ETC1-MS250 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Diotec Semiconductor
MS250 DIOTEC-MS250 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS250 DIOTEC-MS250 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS250 BEL-MS250 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
More results


Similar Description - MS250

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIH50Y300 ASTEC-AIH50Y300 Datasheet
115Kb / 2P
250 Watts
HMFLEX ASTEC-HMFLEX Datasheet
490Kb / 2P
250-2600 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
250 Watts
logo
Artesyn Technologies
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
250 Watts
250-XXXRM-S ANAREN-250-XXXRM-S Datasheet
180Kb / 2P
250 Watts
logo
Artesyn Technologies
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
250 Watts
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
250 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com