Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2827S Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM2827S Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM2827S
Download  AM2827S Download
File Size   899.64 Kbytes
Page   20 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description Three Phase Brushless Motor Driver

AM2827S Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2827S Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM2827S
Download  AM2827S Click to download

File Size   899.64 Kbytes
Page   20 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description Three Phase Brushless Motor Driver

AM2827S Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM2827S Product details

●Features
2.7V to 13.5V Operating Voltage Range
5A Maximum Drive Current
Wide PWM input operating range to 100KHz
Low MOSFET ON-resistance: HS + LS 80mΩ
Built-in precise LDO Regulator 3.3V ±3%
Operating ambient junction temperature: -20℃~85℃
Turbo current limit function adjusts by external Resistor.
Over temperature protection
QFN6 X 6 Package for small PCB layout
Halogen-Free Green Product & RoHS compliant Package

● Description
The AM2827S provides three individual controllable half-bridge drivers. The device is intended to drive a three-phase brushless DC motor, though it can also be used to drive solenoids or other types of load. Each output driver channel consists of P-channel
N-channel power MOSFETs in a half-bridge configuration.
The AM2827S can supply up to 10A peak or 5A RMS output current per channel (with proper PCB heat sink at 10V and 25℃) per half-Bridge. There is internal shutdown function for over-temperature protection.
The device provides internal shutdown functions for Short-circuit protection, turbo current limit and over temperature protection.




Similar Part No. - AM2827S

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM280N03-03B6L ANALOGPOWER-AM280N03-03B6L Datasheet
283Kb / 5P
N-Channel 30-V (D-S) MOSFET
AM280N03-03PF ANALOGPOWER-AM280N03-03PF Datasheet
359Kb / 5P
N-Channel 30-V (D-S) MOSFET
logo
Advanced Micro Devices
AM2833 AMD-AM2833 Datasheet
274Kb / 4P
1024-Bit Static Shift Registers
AM2833DC AMD-AM2833DC Datasheet
274Kb / 4P
1024-Bit Static Shift Registers
AM2833DM AMD-AM2833DM Datasheet
274Kb / 4P
1024-Bit Static Shift Registers
More results


Similar Description - AM2827S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
Three-Phase Brushless Motor Driver
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
Three-Phase Brushless Motor Driver
September, 2013
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
Three-Phase Brushless Motor Driver
May, 2013
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
Three-Phase Brushless Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com