Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM4IO Datasheet (PDF) - List of Unclassifed Manufacturers

CM4IO Datasheet PDF - List of Unclassifed Manufacturers
Part # CM4IO
Download  CM4IO Download
File Size   7508.13 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Compute Module 4 IO Board An application board for thr Compute Module 4

CM4IO Datasheet (PDF)

Go To PDF Page Download Datasheet
CM4IO Datasheet PDF - List of Unclassifed Manufacturers

Part # CM4IO
Download  CM4IO Click to download

File Size   7508.13 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Compute Module 4 IO Board An application board for thr Compute Module 4

CM4IO Datasheet (HTML) - List of Unclassifed Manufacturers


CM4IO Product details

Features

• Accepts the complete range of CM4 modules
• External +12V PSU
• 2 × Full-size HDMI 2.0 connectors
• Gigabit Ethernet RJ45 with POE support
• 2 × USB 2 Socket, with header for two more sockets
• Micro USB socket for updating the CM4
• Micro SD Card socket for CM4Lite modules.
• PCIe Gen 2 socket
• Standard Fan connector
• External power connector (+5V, +12V)
• 2 × MIPI DSI display FPC connectors (22pin 0.5mm pitch cable)
• 2 × MIPI CSI-2 camera FPC connectors (22pin 0.5mm pitch cable)
• Raspberry Pi HAT connector
• RTC with Battery socket and ability to wake up CM4
• Jumpers to disable features, e.g Wireless, EEPROM writing




Similar Part No. - CM4IO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM4IO ETC-CM4IO Datasheet
3Mb / 4P
A Computer Based on Raspberry Pi Compute Module 4
2022-10-24
More results


Similar Description - CM4IO

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28C36 MAXIM-DS28C36 Datasheet
285Kb / 5P
FIPS 180 SHA-256 Compute Engine
Rev 0; 6/16
logo
NEC
E120F-M NEC-E120F-M Datasheet
1Mb / 2P
The scale-out compute server
logo
Intel Corporation
STK2M3W64CC INTEL-STK2M3W64CC Datasheet
987Kb / 33P
Intel Compute Stick
logo
Bel Fuse Inc.
SPDFCBK-15G BEL-SPDFCBK-15G Datasheet
639Kb / 9P
Open Compute (OCP) compliant
logo
Intel Corporation
BLKCD1IV128MK INTEL-BLKCD1IV128MK Datasheet
698Kb / 36P
Intel짰 Compute Card
August 2017
STK1AW32SC INTEL-STK1AW32SC Datasheet
728Kb / 27P
Intel짰 Compute Stick
October 2017
logo
List of Unclassifed Man...
CM4108016 ETC-CM4108016 Datasheet
1Mb / 7P
Raspberry Pi Compute Module 4 will remain in production until at least January 2028
January 2021
ED-CM4IO-1232-C ETC-ED-CM4IO-1232-C Datasheet
3Mb / 4P
A Computer Based on Raspberry Pi Compute Module 4
2022-10-24
logo
Lanner All Rights Reser...
HMB-E100 LANNER-HMB-E100 Datasheet
593Kb / 1P
1U Compute Sled for HTCA-E400
V1-2021,11,4
HMB-E200 LANNER-HMB-E200 Datasheet
506Kb / 1P
2U Compute Sled for HTCA-E400
V1-2021,11,4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com