Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5PZ Datasheet (PDF) - Omron Electronics LLC

G5PZ Datasheet PDF - Omron Electronics LLC
Part # G5PZ
Download  G5PZ Download
File Size   450.51 Kbytes
Page   5 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relay

G5PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
G5PZ Datasheet PDF - Omron Electronics LLC

Part # G5PZ
Download  G5PZ Click to download

File Size   450.51 Kbytes
Page   5 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relay

G5PZ Datasheet (HTML) - Omron Electronics LLC


G5PZ Product details

Compact 20 A Power Relay
• 10.5 mm (W) slim size and 1 pole 16 A/20 A switching capability
• High sensitivity of 530 mW coil consumption and further saving energy
with holding voltage 50%
• Min. 6.4 mm of insulation distance and 10 kV impulse withstand voltage
(between coil and contacts)
• IEC60664-1 Reinforced insulation conformed




Similar Part No. - G5PZ

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
G5P109LF BOTHHAND-G5P109LF Datasheet
113Kb / 2P
1000 BASE -T FIVE PORT MAGNETICS MODULES
logo
Edal Industries, Inc.
G5P3 EDAL-G5P3 Datasheet
626Kb / 2P
Silicon Power Rectifiers
logo
Omron Electronics LLC
G5PA-1 OMRON-G5PA-1 Datasheet
632Kb / 6P
Special-purpose PCB Relay
More results


Similar Description - G5PZ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com