Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet (PDF) - Microchip Technology

DS0147 Datasheet PDF - Microchip Technology
Part # DS0147
Download  DS0147 Download
File Size   2696.62 Kbytes
Page   128 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PolarFire SoC Advanced Datasheet

DS0147 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS0147 Datasheet PDF - Microchip Technology

Part # DS0147
Download  DS0147 Click to download

File Size   2696.62 Kbytes
Page   128 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PolarFire SoC Advanced Datasheet

DS0147 Datasheet (HTML) - Microchip Technology


DS0147 Product details

This datasheet describes PolarFire® SoC device characteristics with industrial temperature range (–40 °C to 100 °C TJ) and extended commercial temperature range (0 °C to 100 °C TJ). The devices are provided with a standard speed grade (STD) and a –1 speed grade with higher performance. The FPGA core supply VDD can operate at 1.0 V for lower-power or 1.05 V for higher performance. Similarly, the transceiver core supply VDDA can also operate at 1.0 V or 1.05 V. Users select the core operating voltage while creating the Libero project.




Similar Part No. - DS0147

ManufacturerPart #DatasheetDescription
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
DIP SWITCH
logo
Same Sky Devices
DS01-254 SAMESKY-DS01-254 Datasheet
228Kb / 3P
DIP SWITCH
09/12/2024
DS01-254 SAMESKY-DS01-254_V01 Datasheet
230Kb / 3P
DIP SWITCH
03/24/2025
logo
Microsemi Corporation
DS0115 MICROSEMI-DS0115 Datasheet
1Mb / 46P
SmartFusion2 Pin Descriptions
Revision 12.0
DS0128 MICROSEMI-DS0128 Datasheet
1Mb / 140P
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Revision 12.0
More results


Similar Description - DS0147

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72568 FINTEK-F72568 Datasheet
737Kb / 24P
Advanced ACPI Controller IC Datasheet
logo
Texas Instruments
TDA2E TI1-TDA2E Datasheet
73Kb / 4P
SoC Processor for Advanced Driver Assist SystemsTechnical Brief
logo
Generalplus Technology ...
GPF16001A GENERALPLUS-GPF16001A Datasheet
437Kb / 19P
Advanced 16-bit SoC with 關?셬SP 2.0
GPF32001A GENERALPLUS-GPF32001A Datasheet
903Kb / 21P
Advanced 16-Bit SoC with u nSP 2.0
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
Advanced Multimedia Processor SOC Solution
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
Advanced Multimedia Processor SOC Solution
GPL16218B GENERALPLUS-GPL16218B Datasheet
1Mb / 21P
Advanced Game / ELA SoC with ?춙 nSP 2.0
GPL16238B GENERALPLUS-GPL16238B Datasheet
1Mb / 23P
Advanced Game / ELA SoC with ??u nSP 2.0
logo
Microchip Technology
MPFS250T-1FCG1152E MICROCHIP-MPFS250T-1FCG1152E Datasheet
771Kb / 50P
PolarFire® SoC Product Overview
C 07/2021
logo
Bridgetek Pte Ltd.
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com