Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5012 Datasheet (PDF) - Texas Instruments

5012 Datasheet PDF - Texas Instruments
Part # 5012
Download  5012 Download
File Size   368.03 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AN-1713 LM5116-12 Evaluation Board

5012 Datasheet (PDF)

Go To PDF Page Download Datasheet
5012 Datasheet PDF - Texas Instruments

Part # 5012
Download  5012 Click to download

File Size   368.03 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AN-1713 LM5116-12 Evaluation Board

5012 Datasheet (HTML) - Texas Instruments


5012 Product details

Introduction
The LM5116-12 evaluation board is designed to provide the design engineer with a fully functional power
converter based on Emulated Current Mode Control to evaluate the LM5116 controller IC. The evaluation
board provides a 12V output with a 5A current capability. The operating input voltage ranges from 15V to
80V. The design operates at 250kHz, a good compromise between conversion efficiency and solution
size. The printed circuit board consists of 4 layers, 2 ounce copper top and bottom, 1 ounce copper
internal layers on FR4 material with a thickness of 0.06 inches. This user's guide contains the evaluation
board schematic, Bill-of-Materials (BOM), and a quick setup procedure. For complete circuit design
information, see LM5116 Wide Range Synchronous Buck Controller (SNVS499).
The performance of the evaluation board is:
• Input Range: 15V to 80V
• Output Voltage: 12V
• Output Current: 0 to 5A
• Frequency of Operation: 250 kHz
• Board Size: 2.55 × 2.65 × 0.7 inches
• Load Regulation: 1%
• Line Regulation: 0.1%
• Hiccup Mode Current Limit Protection




Similar Part No. - 5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5012 TI1-5012 Datasheet
372Kb / 13P
2-A to 6-A Integrated Power Solution
5012 TI1-5012 Datasheet
606Kb / 19P
TPS84250EVM-001 2.5-A, Integrated Power Solution
logo
List of Unclassifed Man...
5012 ETC2-5012 Datasheet
462Kb / 1P
THM TEST POINTS
logo
Molex Electronics Ltd.
5012 MOLEX11-5012 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Keystone Electronics Co...
5012 KEYSTONE-5012 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
31-07 20th
More results


Similar Description - 5012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7475 AD-EVAL-AD7475 Datasheet
537Kb / 13P
Evaluation Board for 1MSPS, 12-Bit ADC
REV.0
logo
Cirrus Logic
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
logo
National Semiconductor ...
LMZ23605 NSC-LMZ23605 Datasheet
2Mb / 10P
Evaluation Board to be an easy-to-use platform to evaluate
logo
Texas Instruments
AN-2244 TI1-AN-2244 Datasheet
5Mb / 8P
AN-2244 LP5907 micro SMD Evaluation Board Information
SNOA524 TI1-SNOA524 Datasheet
4Mb / 8P
AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-1828 TI-AN-1828 Datasheet
4Mb / 8P
AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-2084 TI-AN-2084 Datasheet
2Mb / 10P
AN-2084 LMZ1420xEXT / LMZ1200xEXT Evaluation Board
logo
STMicroelectronics
AN4210 STMICROELECTRONICS-AN4210 Datasheet
209Kb / 12P
PowerSSO-12 devices evaluation board
03-Dec-2012
logo
Monolithic Power System...
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com