Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN61113 Datasheet (PDF) - Panasonic Semiconductor

MN61113 Datasheet PDF - Panasonic Semiconductor
Part # MN61113
Download  MN61113 Download
File Size   45.78 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2K-Bit EEPROMs

MN61113 Datasheet (PDF)

Go To PDF Page Download Datasheet
MN61113 Datasheet PDF - Panasonic Semiconductor

Part # MN61113
Download  MN61113 Click to download

File Size   45.78 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2K-Bit EEPROMs

MN61113 Datasheet (HTML) - Panasonic Semiconductor


MN61113 Product details

Overview
The MN61113 and MN61113S are 2048-bit, bit sequential EEPROMs with built-in address counters. They sequentially increment the address with the clock input to produce serial output.
They include built-in charge pump circuit and timer for automatically erasing, writing, and modifying data using only a single 3 volt power supply.
To reduce write times, they include a block write function for writing up to 32 bits at a time. This function makes it possible to rewrite the contents of all 2048 bits within 1 second (typ.).

Features
● 2048 words × 1 bit organization
● Built-in reset function
● Tristate output
● Low power consumption
    • 3 volt read: 1.5 mW (max.)
    • 3 volt program: 6 mW (max.)
    • 3 volt standby: 60 µW (max.)
● Single 3 volt power supply (charge pump circuit built in)
● Self timer for use in automatically erasing and writing data
● Built-in data polling function
● Write cycles: 105 times
● Data storage interval: 10 years
● Pull-up resistor on CE pin. Pull-down resistors on PGM, CLK, and RST pins

Applications
● Personal wireless equipment, cordless telephones, storage for recognition and adjustment data for terminals, etc.




Similar Part No. - MN61113

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MN611S SANKEN-MN611S Datasheet
42Kb / 1P
Power Transistor
More results


Similar Description - MN61113

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
16K (2K x 8) Parallel EEPROMs
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
2K 2.5V CMOS Serial EEPROMs
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
16K (2K x 8) Parallel EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
2K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Rohm
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com