Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74HC164 Datasheet (PDF) - Integral Corp.

IN74HC164 Datasheet PDF - Integral Corp.
Part # IN74HC164
Download  IN74HC164 Download
File Size   96.76 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS

IN74HC164 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74HC164 Datasheet PDF - Integral Corp.

Part # IN74HC164
Download  IN74HC164 Click to download

File Size   96.76 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS

IN74HC164 Datasheet (HTML) - Integral Corp.


IN74HC164 Product details

8-Bit Serial-Input/Parallel-Output Shift Register
High-Performance Silicon-Gate CMOS

The IN74HC164 is identical in pinout to the LS/ALS164. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
The IN74HC164 is an 8-bit, serial-input to parallel-output shift register. Two serial data inputs, A1 and A2, are provided so that one input may be used as a data enable. Data is entered on each rising edge of the clock. The active-low asynchronous Reset overrides theClock and Serial Data inputs.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - IN74HC164

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC164AD IKSEMICON-IN74HC164AD Datasheet
317Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC164AN IKSEMICON-IN74HC164AN Datasheet
317Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74HC164

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC166 INTEGRAL-IN74HC166 Datasheet
153Kb / 6P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC164 KODENSHI-KK74AC164 Datasheet
269Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
KK74HC164A KODENSHI-KK74HC164A Datasheet
322Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC166A KODENSHI-KK74HC166A Datasheet
274Kb / 7P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74AC164 IKSEMICON-IN74AC164 Datasheet
190Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com