Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3816SB Datasheet (PDF) - RF Micro Devices

RF3816SB Datasheet PDF - RF Micro Devices
Part # RF3816SB
Download  RF3816SB Download
File Size   59.55 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz

RF3816SB Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3816SB Datasheet PDF - RF Micro Devices

Part # RF3816SB
Download  RF3816SB Click to download

File Size   59.55 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz

RF3816SB Datasheet (HTML) - RF Micro Devices


RF3816SB Product details

Product Description
The RF3816 is a high-performance InGaP/GaAs general purpose RF and microwave gain block amplifier. This 50Ω amplifier is based on a reliable HBT MMIC design, providing unsurpassed performance for many small-signal applications. Designed with an external bias resistor, the RF3816 provides high output power and high gain over broad frequency range. This low-cost amplifier is packaged in a thermally efficient, industry standard, ceramic Micro-X package providing excellent ThetaJC performance.

Features
• Reliable, Low-Cost HBT Design
• 12.1dB Gain, +17.3dBm P1dB@1.0GHz
• High P1dB of +14.7dBm@6.0GHz
• Single 6V Power Supply Operation
• 50Ω I/O Matched
• Thermally-Efficient Package

Typical Applications
• Cellular Basestation Amplifiers and
   Transceivers
• Gain Stage or Driver Amplifiers for Linear and
   Saturated Amplifiers
• Narrow and Broadband Commercial and
   Military Radio Designs




Similar Part No. - RF3816SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
More results


Similar Description - RF3816SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-500 RFMD-NBB-500_07 Datasheet
283Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-400 RFMD-NLB-400_13 Datasheet
998Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com