Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC117-97 Datasheet (PDF) - ACE Technology Co., LTD.

TC117-97 Datasheet PDF - ACE Technology Co., LTD.
Part # TC117-97
Download  TC117-97 Download
File Size   106.14 Kbytes
Page   2 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description TUBUS-Series Type TC Profile Damper for Crane Equipment

TC117-97 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC117-97 Datasheet PDF - ACE Technology Co., LTD.

Part # TC117-97
Download  TC117-97 Click to download

File Size   106.14 Kbytes
Page   2 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description TUBUS-Series Type TC Profile Damper for Crane Equipment

TC117-97 Datasheet (HTML) - ACE Technology Co., LTD.


TC117-97 Product details

The Profile Damper Type TC from
the innovative ACE TUBUS Series is
a maintenance free, self-contained
damping element made from a special
Co-Polyester Elastomer. They have
been specially developed for Crane
equipment applications and fulfill the
international Industry standards
OSHA and CMAA.
Many crane applications require a
spring rate with a high return force.
This is achieved with the unique Dual-
Profile Concept of the TC-S models.
For Energy-Management-Systems the
TC model types provide a cost efficient
solution with a high return force
capability.
The very small and light package size
from ø 64 mm up to ø 176 mm covers
an energy absorption capacity ranging
from 450 Nm up to 12720 Nm/cycle.
The excellent resistance to UV, seawater
chemical and microbe attack
together with the wide operating temperature
range from -40°C to 90°C
enables a wide range of applications.
Life expectancy is extremely high;
up to twenty times longer than for
urethane dampers, up to ten times
longer than rubber buffers and up to
five times longer than steel springs.




Similar Part No. - TC117-97

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
logo
TelCom Semiconductor, I...
TC1173-2.5VOA TELCOM-TC1173-2.5VOA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.5VUA TELCOM-TC1173-2.5VUA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.8VOA TELCOM-TC1173-2.8VOA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
More results


Similar Description - TC117-97

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
logo
Toshiba Semiconductor
5VHZ52 TOSHIBA-5VHZ52 Datasheet
127Kb / 2P
SILICON DIFFUSED TYPE (MOST SUITABLE FOR COLOR T.V DAMPER)
logo
Sanken electric
FMP-G2FS SANKEN-FMP-G2FS Datasheet
49Kb / 2P
Damper Diodes (For Display)
FMV-G5FS SANKEN-FMV-G5FS Datasheet
22Kb / 1P
Damper Diodes (For TV)
RH10F SANKEN-RH10F Datasheet
26Kb / 1P
Damper Diodes (For TV)
RS3FS SANKEN-RS3FS Datasheet
20Kb / 1P
Damper Diodes (For TV)
RU4D SANKEN-RU4D Datasheet
23Kb / 1P
Damper Diodes (For Display)
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
logo
Sanken electric
FMT-2FUR SANKEN-FMT-2FUR Datasheet
23Kb / 1P
Damper Diodes (Diode modulation Type)
logo
Fuji Electric
EDS12-46D FUJI-EDS12-46D Datasheet
285Kb / 8P
CYLINDER TYPE DAMPER DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com