Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT240 Datasheet (PDF) - List of Unclassifed Manufacturers

AT240 Datasheet PDF - List of Unclassifed Manufacturers
Part # AT240
Download  AT240 Download
File Size   167.15 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SPECIFICATIONS DDR II Connector

AT240 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT240 Datasheet PDF - List of Unclassifed Manufacturers

Part # AT240
Download  AT240 Click to download

File Size   167.15 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SPECIFICATIONS DDR II Connector

AT240 Datasheet (HTML) - List of Unclassifed Manufacturers


AT240 Product details

Mechanical
Contact Retention Force: 0.75Lbs (0.34kgf) min. per Contact
Durability: 25 Cycles
Dram Board Insertion Force: 3 oz max. per Contact

Electrical
Voltage Raging: 250V AC
Current Rating: 1.0A max., 30℃ max., in Temperature Rise
Insulation Resistance: 1000MW min. initial
Dielectric Withstanding Voltage: 500V AC at Sea Level
Low Level Contact Resistance: 30mW max. initial

Physical
Housing: Thermoplastic, UL 94V-0 rated in Black Color
Contact: Copper alloy
Ejector: Thermoplastic, UL 94V-0 rated in Ivory or Natural Color
Metal Hold Down: Copper alloy
Operating Temperature: -55℃ to +105℃




Similar Part No. - AT240

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
AT241936 ALPHAWIRE-AT241936 Datasheet
404Kb / 3P
24 (19/36) AWG Silver Plated Copper
logo
Frontier Electronics.
AT2450A1306AT FRONTIER-AT2450A1306AT Datasheet
1Mb / 3P
Surface mount ceramic antenna with a small size of 3.2 X 1.6 X 1.2 mm.
AT2450A1306BT FRONTIER-AT2450A1306BT Datasheet
1Mb / 3P
Surface mount ceramic antenna with a small size of 3.2 X 1.6 X 1.2 mm.
AT2450A1306CT FRONTIER-AT2450A1306CT Datasheet
1Mb / 3P
Surface mount ceramic antenna with a small size of 3.2 X 1.6 X 1.2 mm.
AT2450A1306DT FRONTIER-AT2450A1306DT Datasheet
369Kb / 3P
Surface mount ceramic antenna with a small size of 3.1 X 1.6 X 0.6 mm.
More results


Similar Description - AT240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
DDR I/II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Elpida Memory
EDE5104GASA ELPIDA-EDE5104GASA Datasheet
491Kb / 45P
512M bits DDR-II SDRAM
logo
FCI connector
10037402 FCI-CONNECTOR-10037402 Datasheet
426Kb / 4P
DDR II 240P FBDIMM
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
DDR-II Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com