Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM411 Datasheet (PDF) - ELM Electronics

ELM411 Datasheet PDF - ELM Electronics
Part # ELM411
Download  ELM411 Download
File Size   28.03 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Debounce Circuit with Latch

ELM411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM411 Datasheet PDF - ELM Electronics

Part # ELM411
Download  ELM411 Click to download

File Size   28.03 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Debounce Circuit with Latch

ELM411 Datasheet (HTML) - ELM Electronics


ELM411 Product details

Description
The ELM411 provides all of the necessary circuitry to connect as many as three independent mechanical contacts to an electronic circuit.

Features
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Simultaneous monitoring of three circuits
• Full 25msec debounce period on contact closure and opening, without external components
• Internal pullup resistors for contact monitoring
• High current drive outputs - up to 25 mA
• Can be cascaded to provide sequential outputs

Applications
• Pushbutton interface for logic circuits
• Limit switch monitoring
• Time delay generation




Similar Part No. - ELM411

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM410 ELM-ELM410 Datasheet
28Kb / 4P
Triple Debounce Circuit
ELM410P ELM-ELM410P Datasheet
28Kb / 4P
Triple Debounce Circuit
ELM410SM ELM-ELM410SM Datasheet
28Kb / 4P
Triple Debounce Circuit
ELM412 ELM-ELM412 Datasheet
27Kb / 4P
Piezo Element Driver
ELM412P ELM-ELM412P Datasheet
27Kb / 4P
Piezo Element Driver
More results


Similar Description - ELM411

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM410 ELM-ELM410 Datasheet
28Kb / 4P
Triple Debounce Circuit
logo
Motorola, Inc
MC10134 MOTOROLA-MC10134 Datasheet
73Kb / 5P
DUAL MULTIPLEXER WITH LATCH
logo
Maxim Integrated Produc...
MAX16054 MAXIM-MAX16054 Datasheet
113Kb / 9P
On/Off Controller with Debounce and ±15kV ESD Protection
Rev 0; 5/08
logo
Molex Electronics Ltd.
0441670001 MOLEX6-0441670001 Datasheet
127Kb / 2P
Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit, With Tool Removable Latch
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
Versatile Debounce Circuit
logo
Isahaya Electronics Cor...
RT8H065C ISAHAYA-RT8H065C Datasheet
64Kb / 4P
latch circuit
logo
List of Unclassifed Man...
UHSOCTAX08S01 ETC2-UHSOCTAX08S01 Datasheet
545Kb / 2P
Socket Connector with Latch
logo
Molex Electronics Ltd.
44167-0001 MOLEX11-44167-0001 Datasheet
41Kb / 1P
Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit, with Tool Removable Latch
logo
Adam Technologies, Inc.
CDH-XX-L ADAM-TECH-CDH-XX-L Datasheet
37Kb / 1P
LATCHING HOUSING WITH LATCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com