Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM440 Datasheet (PDF) - ELM Electronics

ELM440 Datasheet PDF - ELM Electronics
Part # ELM440
Download  ELM440 Download
File Size   31.22 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 60Hz Generator

ELM440 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM440 Datasheet PDF - ELM Electronics

Part # ELM440
Download  ELM440 Click to download

File Size   31.22 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 60Hz Generator

ELM440 Datasheet (HTML) - ELM Electronics


ELM440 Product details

Description

The ELM440 is an 8 pin digital divider integrated circuit, that provides both 60Hz and 1Hz outputs from a common 3.58MHz NTSC colourburst crystal.

Externally, the designer need only provide the crystal and two appropriate loading capacitors, as well as a suitably bypassed power supply. Internal oscillator circuits then use this reference frequency to precisely derive a stable 60Hz signal. This signal is then further divided to provide a 1Hz output.



Features

• Low power CMOS design

• Wide supply range - 3.0 to 5.5 volt operation

• Generates both 60Hz and 1Hz references

• Automatically synchronizes to the line frequency for long term stability, when it’s available

• Uses a standard 3.58MHz crystal for the time reference if there is no sync input

• High current drive outputs - up to 25 mA



Applications

• Stable 60Hz and 1Hz reference sources

• Master oscillator for clock / timekeeping functions

• DC powered backup 60Hz reference signal



 




Similar Part No. - ELM440

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM440A EVERLIGHT-ELM440A Datasheet
696Kb / 10P
4PIN MINI FLAT PACKAGE SOLID STATE RELAY
More results


Similar Description - ELM440

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
240VAC짹10%, 50/60Hz
WAU200-600T TRIAD-WAU200-600T Datasheet
140Kb / 1P
Primary Rating:120V 60Hz
WAU200-600-S TRIAD-WAU200-600-S Datasheet
141Kb / 1P
Primary Rating:120V 60Hz
WAU160-750-G TRIAD-WAU160-750-G Datasheet
142Kb / 1P
Primary Rating:120V 60Hz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com