Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM627 Datasheet (PDF) - ELM Electronics

ELM627 Datasheet PDF - ELM Electronics
Part # ELM627
Download  ELM627 Download
File Size   29.89 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description RS232 Break Detector

ELM627 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM627 Datasheet PDF - ELM Electronics

Part # ELM627
Download  ELM627 Click to download

File Size   29.89 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description RS232 Break Detector

ELM627 Datasheet (HTML) - ELM Electronics


ELM627 Product details

Description
The ELM627 is a complete circuit for detecting break signals on RS232 lines, in an 8 pin package. This is useful for remotely resetting circuits through a serial link. For convenience, this circuit also generates an output pulse on power-up.

Features
• Low power CMOS design - typically 1mA at 5V
• No external timing elements required
• Complementary outputs
• Digitally controlled threshold timing
• Selectable output duration
• High current drive outputs - up to 25 mA

Applications
• Remote resetting of RS232 devices
• Edge triggered one-shot circuits
• Digitally controlled sequencing schemes
• Watchdog type signal monitors




Similar Part No. - ELM627

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
ELM Technology Corporat...
ELM620BA-S ELM-TECH-ELM620BA-S Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM621 ELM-ELM621 Datasheet
38Kb / 6P
SERIAL THREE BIT PORT
More results


Similar Description - ELM627

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
USB TO RS232
logo
ELM Electronics
ELM626 ELM-ELM626 Datasheet
29Kb / 4P
RS232 Break Detector
logo
Linear Technology
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
RS232 Driver/Receiver
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
RS232 RADIO MODEM
logo
List of Unclassifed Man...
BHCRS02BI ETC2-BHCRS02BI Datasheet
334Kb / 2P
Bluetooth RS232 Adapter
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
ATMEL Corporation
AT90PWM2-3 ATMEL-AT90PWM2-3 Datasheet
123Kb / 6P
RS232 cable from PC to RS232 CTRL connector
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Beckhoff Automation Gmb...
C9900-E301 BECKHOFF-C9900-E301 Datasheet
117Kb / 1P
RS232 PCIe module
logo
PHOENIX CONTACT
2744461 PHOENIX-2744461 Datasheet
875Kb / 14P
Interface converter - PSM-ME-RS232/RS232-P
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com