Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT25QL02GCBB Datasheet (PDF) - Micron Technology

MT25QL02GCBB Datasheet PDF - Micron Technology
Part # MT25QL02GCBB
Download  MT25QL02GCBB Download
File Size   1226.1 Kbytes
Page   92 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 2Gb, 3V Multiple I/O Serial Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase

MT25QL02GCBB Datasheet (PDF)

Go To PDF Page Download Datasheet
MT25QL02GCBB Datasheet PDF - Micron Technology

Part # MT25QL02GCBB
Download  MT25QL02GCBB Click to download

File Size   1226.1 Kbytes
Page   92 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 2Gb, 3V Multiple I/O Serial Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase

MT25QL02GCBB Datasheet (HTML) - Micron Technology


MT25QL02GCBB Product details

Features
• Stacked device (four 512Mb die)
• SPI-compatible serial bus interface
• Single and double transfer rate (STR/DTR)
• Clock frequency
– 133 MHz (MAX) for all protocols in STR
– 90 MHz (MAX) for all protocols in DTR
• Dual/quad I/O commands for increased throughput
up to 90 MB/s
• Supported protocols in both STR and DTR
– Extended I/O protocol
– Dual I/O protocol
– Quad I/O protocol
• Execute-in-place (XIP)
• PROGRAM/ERASE SUSPEND operations
• Volatile and nonvolatile configuration settings
• Software reset
• Additional reset pin for selected part numbers
• 3-byte and 4-byte address modes: enable memory
access beyond 128Mb
• Dedicated 64-byte OTP area outside main memory
– Readable and user-lockable
– Permanent lock with PROGRAM OTP command
• Erase capability
– Die erase
– Sector erase 64KB uniform granularity
– Subsector erase 4KB, 32KB granularity
• Security and write protection
– Volatile and nonvolatile locking and software
write protection for each 64KB sector
– Nonvolatile configuration locking
– Password protection
– Hardware write protection: nonvolatile bits
(BP[3:0] and TB) define protected area size
– Program/erase protection during power-up
– CRC detects accidental changes to raw data
• Electronic signature
– JEDEC-standard 3-byte signature (BA22h)
– Extended device ID: two additional bytes identify
device factory options
• JESD47H-compliant
– Minimum 100,000 ERASE cycles per sector
– Data retention: 20 years (TYP)




Similar Part No. - MT25QL02GCBB

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT25QL01GBBB MICRON-MT25QL01GBBB Datasheet
1Mb / 95P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase
MT25QL01GBBB8E12-0AAT MICRON-MT25QL01GBBB8E12-0AAT Datasheet
1Mb / 95P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase
MT25QL01GBBB8ESF-0SIT MICRON-MT25QL01GBBB8ESF-0SIT Datasheet
1Mb / 95P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase
MT25QL064ABA1E12-0SITES MICRON-MT25QL064ABA1E12-0SITES Datasheet
1Mb / 95P
1.8V, Multiple I/O, 4KB, 32KB, 64KB, Sector Erase
Rev. J 05/18
MT25QL064ABA1E14-0SITES MICRON-MT25QL064ABA1E14-0SITES Datasheet
1Mb / 95P
1.8V, Multiple I/O, 4KB, 32KB, 64KB, Sector Erase
Rev. J 05/18
More results


Similar Description - MT25QL02GCBB

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q032A13ESF40G MICRON-N25Q032A13ESF40G Datasheet
878Kb / 81P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q00AA11GSF40F MICRON-N25Q00AA11GSF40F Datasheet
1Mb / 89P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13ESF40G MICRON-N25Q064A13ESF40G Datasheet
1Mb / 81P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13ESFA0F MICRON-N25Q064A13ESFA0F Datasheet
1Mb / 81P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q512A13GSF40F MICRON-N25Q512A13GSF40F Datasheet
1Mb / 91P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13EF640F MICRON-N25Q064A13EF640F Datasheet
1Mb / 81P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13EF840E MICRON-N25Q064A13EF840E Datasheet
1Mb / 81P
3V, Multiple I/O, 4KB Sector Erase
MT25QL256ABA MICRON-MT25QL256ABA Datasheet
1Mb / 97P
3V, Multiple I/O, 4KB, 32KB, 64KB, Sector Erase
MT25QL128ABA MICRON-MT25QL128ABA Datasheet
1Mb / 93P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB, Sector Erase
2014
MT25QL01GBBB MICRON-MT25QL01GBBB Datasheet
1Mb / 95P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com