Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAMW5V020 Datasheet (PDF) - Galaxy Power, Inc.

GAMW5V020 Datasheet PDF - Galaxy Power, Inc.
Part # GAMW5V020
Download  GAMW5V020 Download
File Size   973.87 Kbytes
Page   7 Pages
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.
Description 48V Input, 5VDC, 20A Output

GAMW5V020 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAMW5V020 Datasheet PDF - Galaxy Power, Inc.

Part # GAMW5V020
Download  GAMW5V020 Click to download

File Size   973.87 Kbytes
Page   7 Pages
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.
Description 48V Input, 5VDC, 20A Output

GAMW5V020 Datasheet (HTML) - Galaxy Power, Inc.




Similar Part No. - GAMW5V020

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
48V Input, 1.2VDC, 40A Output
GAMW1V240EET GALAXY-GAMW1V240EET Datasheet
978Kb / 7P
48V Input, 1.2VDC, 40A Output
GAMW1V240EMT GALAXY-GAMW1V240EMT Datasheet
978Kb / 7P
48V Input, 1.2VDC, 40A Output
GAMW1V240EST GALAXY-GAMW1V240EST Datasheet
978Kb / 7P
48V Input, 1.2VDC, 40A Output
GAMW1V240MET GALAXY-GAMW1V240MET Datasheet
978Kb / 7P
48V Input, 1.2VDC, 40A Output
More results


Similar Description - GAMW5V020

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
48V Input, 3.3VDC, 30A Output
GAQW5V020 GALAXY-GAQW5V020 Datasheet
805Kb / 7P
48V Input, 5.0VDC, 20A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
48V Input, 2.0VDC, 40A Output
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
Bus Converter 48V Input / 12V Output / 20A
logo
Lineage Power Corporati...
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
36??5Vdc Input; 12.0Vdc Output; 6A Output Current
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
48Vdc Input, 5Vdc 30A Output Quarter-brick
logo
Wall Industries,Inc.
DCBOA-48S05UW5 WALL-DCBOA-48S05UW5 Datasheet
274Kb / 4P
5VDC Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com