Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN65531AS Datasheet (PDF) - Panasonic Semiconductor

MN65531AS Datasheet PDF - Panasonic Semiconductor
Part # MN65531AS
Download  MN65531AS Download
File Size   52.52 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low Power 6-Bit CMOS A/D Converter for Image Processing

MN65531AS Datasheet (PDF)

Go To PDF Page Download Datasheet
MN65531AS Datasheet PDF - Panasonic Semiconductor

Part # MN65531AS
Download  MN65531AS Click to download

File Size   52.52 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low Power 6-Bit CMOS A/D Converter for Image Processing

MN65531AS Datasheet (HTML) - Panasonic Semiconductor


MN65531AS Product details

Overview
The MN65531AS is a totally parallel 6-bit CMOS analog-to-digital converter with a maximum conversion rate of 20 MSPS. It includes a built-in 3-input multiplexer, clamp circuit, and reference voltage power supply.

Features
● Maximum conversion rate: 20 MSPS (min.)
● Linearity error: ±0.5 LSB (typ.)
● Differential linearity error: ±0.5 LSB (typ.)
● Power supply voltage: 5.0 ±0.5 V
● Power consumption: 100 mW (typ.)
● Built-in 3-input multiplexer, clamp circuit, and reference voltage power supply

Applications
● Digital television receivers
● Digital video equipment
● Picture in picture systems
● Digital image processing equipment




Similar Part No. - MN65531AS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN65543 PANASONIC-MN65543 Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543 PANASONIC-MN65543 Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543S PANASONIC-MN65543S Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN6556A PANASONIC-MN6556A Datasheet
58Kb / 6P
Low Power 8-Bit CMOS D/A Converters for Image Processing
More results


Similar Description - MN65531AS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543S PANASONIC-MN65543S Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN6556A PANASONIC-MN6556A Datasheet
58Kb / 6P
Low Power 8-Bit CMOS D/A Converters for Image Processing
MN657011H PANASONIC-MN657011H Datasheet
58Kb / 6P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN657021F PANASONIC-MN657021F Datasheet
67Kb / 8P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN65702H PANASONIC-MN65702H Datasheet
61Kb / 6P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN65752H PANASONIC-MN65752H Datasheet
59Kb / 6P
Low Power 8-Bit, 2-Channel CMOS A/D Converter for Image Processing
MN65761T PANASONIC-MN65761T Datasheet
58Kb / 6P
Low Power 9-Bit CMOS A/D Converter for Image Processing
MN6576H PANASONIC-MN6576H Datasheet
57Kb / 6P
Low Power 9-Bit CMOS A/D Converter for Image Processing
MN65771F PANASONIC-MN65771F Datasheet
60Kb / 6P
Low Power 10-Bit 5 V CMOS A/D Converter for Image Processing
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com