Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F007 Datasheet (PDF) - Silicon Laboratories

C8051F007 Datasheet PDF - Silicon Laboratories
Part # C8051F007
Download  C8051F007 Download
File Size   166.89 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU

C8051F007 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F007 Datasheet PDF - Silicon Laboratories

Part # C8051F007
Download  C8051F007 Click to download

File Size   166.89 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU

C8051F007 Datasheet (HTML) - Silicon Laboratories


C8051F007 Product details

SYSTEM OVERVIEW
The C8051F000 family are fully integrated mixed-signal System on a Chip MCUs with a true 12-bit multi-channel ADC (F000/01/02/05/06/07), or a true 10-bit multi-channel ADC (F010/11/12/15/16/17). See the Product Selection Guide in Table 1.1 for a quick reference of each MCUs’ feature set. Each has a programmable gain pre-amplifier, two 12-bit DACs, two voltage comparators (except for the F002/07/12/17, which have one), a voltage reference, and an 8051-compatible microcontroller core with 32kbytes of FLASH memory. There are also I2C/SMBus, UART, and SPI serial interfaces implemented in hardware (not “bit-banged” in user software) as well as a Programmable Counter/Timer Array (PCA) with five capture/compare modules. There are also 4 general-purpose 16-bit timers and 4 byte-wide general-purpose digital Port I/O. The C8051F000/01/02/10/11/12 have 256 bytes of RAM and execute up to 20MIPS, while the C8051F005/06/07/15/16/17 have 2304 bytes of RAM and execute up to 25MIPS.

ANALOG PERIPHERALS
- SAR ADC
   ◾ 12-Bit (C8051F000/1/2, C8051F005/6/7)
   ◾ 10-bit (C8051F010/1/2, C8051F015/6/7)
   ◾ ±1LSB INL; No Missing Codes
   ◾ Programmable Throughput up to 100ksps
   ◾ Up to 8 External Inputs; Programmable as SingleEnded or Differential
   ◾ Programmable Amplifier Gain: 16, 8, 4, 2, 1, 0.5
   ◾ Data Dependent Windowed Interrupt Generator
   ◾ Built-in Temperature Sensor (± 3°C)
- Two 12-bit DACs
- Two Analog Comparators
   ◾ Programmable Hysteresis Values
   ◾ Configurable to Generate Interrupts or Reset
- Voltage Reference
   ◾ 2.4V; 15 ppm/°C
   ◾ Available on External Pin
- Precision VDD Monitor/Brown-out Detector

ON-CHIP JTAG DEBUG & BOUNDARY SCAN
- On-Chip Debug Circuitry Facilitates Full Speed, NonIntrusive In-System Debug (No Emulator Required!)
- Provides Breakpoints, Single Stepping, Watchpoints, Stack Monitor
- Inspect/Modify Memory and Registers
- Superior Performance to Emulation Systems Using ICEChips, Target Pods, and Sockets
- IEEE1149.1 Compliant Boundary Scan
- Low Cost Development Kit

HIGH SPEED 8051 μC CORE
   - Pipelined Instruction Architecture; Executes 70% of Instruction Set in 1 or 2 System Clocks
   - Up to 25MIPS Throughput with 25MHz Clock
   - 21 Vectored Interrupt Sources

MEMORY
   - 256 Bytes Internal Data RAM (F000/01/02/10/11/12)
   - 2304 Bytes Internal Data RAM (F005/06/07/15/16/17)
   - 32k Bytes FLASH; In-System Programmable in 512 byte Sectors

DIGITAL PERIPHERALS
   - 4 Byte-Wide Port I/O; All are 5V tolerant
   - Hardware SMBusTM (I2CTM Compatible), SPITM, and UART Serial Ports Available Concurrently
   - Programmable 16-bit Counter/Timer Array with Five Capture/Compare Modules
   - Four General Purpose 16-bit Counter/Timers
   - Dedicated Watch-Dog Timer
   - Bi-directional Reset

CLOCK SOURCES
   - Internal Programmable Oscillator: 2-to-16MHz
   - External Oscillator: Crystal, RC,C, or Clock
   - Can Switch Between Clock Sources on-the-fly; Useful in Power Saving Modes

SUPPLY VOLTAGE ........................ 2.7V to 3.6V
   - Typical Operating Current: 12.5mA @ 25MHz
   - Multiple Power Saving Sleep and Shutdown Modes
64-Pin TQFP, 48-Pin TQFP, 32-Pin LQFP
Temperature Range: –40°C to +85°C




Similar Part No. - C8051F007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F007 ETC-C8051F007 Datasheet
1Mb / 170P
Mixed-Signal 32KB ISP FLASH MCU Family
logo
Silicon Laboratories
C8051F007 SILABS-C8051F007 Datasheet
5Mb / 171P
Mixed-Signal 32KB ISP FLASH MCU Family
C8051F007 SILABS-C8051F007 Datasheet
2Mb / 171P
Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
More results


Similar Description - C8051F007

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F002 SILABS-C8051F002 Datasheet
165Kb / 2P
20 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F005 SILABS-C8051F005 Datasheet
172Kb / 2P
25 MIPS, 32 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F006 SILABS-C8051F006 Datasheet
412Kb / 2P
25 MIPS, 32 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F017 SILABS-C8051F017 Datasheet
166Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F066 SILABS-C8051F066 Datasheet
192Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F221 SILABS-C8051F221 Datasheet
428Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F312 SILABS-C8051F312 Datasheet
172Kb / 2P
25 MIPS, 8 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com