Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16861 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B16861 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B16861
Download  PI3B16861 Download
File Size   182.25 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 20-Bit, 2-Port NanoSwitch?

PI3B16861 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B16861 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B16861
Download  PI3B16861 Click to download

File Size   182.25 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 20-Bit, 2-Port NanoSwitch?

PI3B16861 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B16861 Product details

Product Description
Pericom Semiconductor’s PI3B series of Bus Switch circuits are produced in the Company’s advanced 0.35 micron CMOS technology, achieving industry leading speed.

Product Features
• Near-zero propagation delay
• 5Ω or 25Ω switches connect inputs to outputs
• Fast Switching Speed - 5ns (max.)
• Direct bus connection when switches are ON
• Permits Hot Insertion
• 32X384 function with flow through pinout make board layout easier
• Vcc Operating Range: 3.0V to 3.6V
• Industrial operating temperature: –40°C to +85°C
• Packages available:
    – 48-pin 240-mil wide plastic TSSOP (A)
    – 48-pin 300-mil wide plastic SSOP (V)
    – 48-pin 150-mil wide plastic BQSOP (B)




Similar Part No. - PI3B16861

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16209 PERICOM-PI3B16209 Datasheet
70Kb / 3P
3.3V, 18-Bit Bus Exchange Switch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16210A PERICOM-PI3B16210A Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210AE PERICOM-PI3B16210AE Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
More results


Similar Description - PI3B16861

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
3.3V, 20-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com