Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49C50L Datasheet (PDF) - Holtek Semiconductor Inc

HT49C50L Datasheet PDF - Holtek Semiconductor Inc
Part # HT49C50L
Download  HT49C50L Download
File Size   345.66 Kbytes
Page   45 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description LCD Type 8-Bit MCU

HT49C50L Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49C50L Datasheet PDF - Holtek Semiconductor Inc

Part # HT49C50L
Download  HT49C50L Click to download

File Size   345.66 Kbytes
Page   45 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description LCD Type 8-Bit MCU

HT49C50L Datasheet (HTML) - Holtek Semiconductor Inc


HT49C50L Product details

General Description

The HT49R50A-1/HT49C50-1/HT49C50L are 8-bit, high performance, RISC architecture microcontroller devices specifically designed for a wide range of LCD applications. The mask version HT49C50-1 and HT49C50L are fully pin and functionally compatible with the OTP version HT49R50A-1 device. The HT49C50L is a low voltage version, with the ability to operate at a minimum power supply of 1.2V, making it suitable for single cell battery applications.



Features

• Operating voltage:

   fSYS=4MHz: 2.2V~5.5V for HT49R50A-1/HT49C50-1

   fSYS=8MHz: 3.3V~5.5V for HT49R50A-1/HT49C50-1

   fSYS=500kHz: 1.2V~2.2V for HT49C50L

• 8 input lines

• 12 bidirectional I/O lines

• Two external interrupt input

• Two 8-bit programmable timer/event counter with PFD (programmable frequency divider) function

• LCD driver with 33x2, 33x3 or 32x4 segments

• 4Kx15 program memory

• 160x8 data memory RAM

• Real Time Clock (RTC)

• 8-bit prescaler for RTC

• Watchdog Timer

• Buzzer output

• On-chip crystal, RC and 32768Hz crystal oscillator

• HALT function and wake-up feature reduce power consumption

• 6-level subroutine nesting

• Bit manipulation instruction

• 15-bit table read instruction

• Up to 0.5μs instruction cycle with 8MHz system clock for HT49R50A-1/HT49C50-1

• Up to 8μs instruction cycle with 500kHz system clock for HT49C50L

• 63 powerful instructions

• All instructions in 1 or 2 machine cycles

• Low voltage reset/detector function for HT49R50A-1/HT49C50-1

• 48-pin SSOP, 64-pin LQFP and 100-pin LQFP packages



 




Similar Part No. - HT49C50L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C50L HOLTEK-HT49C50L Datasheet
318Kb / 45P
LCD Type 8-Bit MCU
November 29, 2005
HT49C50L HOLTEK-HT49C50L Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49C50L HOLTEK-HT49C50L_12 Datasheet
302Kb / 44P
LCD Type 8-Bit MCU
More results


Similar Description - HT49C50L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
8-Bit LCD Type MCU
September 25, 2002
H49R50A-1 HOLTEK-H49R50A-1 Datasheet
318Kb / 45P
LCD Type 8-Bit MCU
November 29, 2005
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
LCD Type 8-Bit MCU
April 24, 2006
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
LCD Type 8-Bit MCU
July 27, 2007
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
LCD Type 8-Bit MCU
June 9, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
LCD Type 8-Bit MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
LCD Type 8-Bit MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com