Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3232 Datasheet (PDF) - Silicon Laboratories

SI3232 Datasheet PDF - Silicon Laboratories
Part # SI3232
Download  SI3232 Download
File Size   2329.73 Kbytes
Page   128 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING

SI3232 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3232 Datasheet PDF - Silicon Laboratories

Part # SI3232
Download  SI3232 Click to download

File Size   2329.73 Kbytes
Page   128 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING

SI3232 Datasheet (HTML) - Silicon Laboratories


SI3232 Product details

Description

The Si3232 is a low-voltage CMOS SLIC that offers a low-cost, fully software programmable, dual-channel, analog telephone interface for customer premise (CPE) applications. Internal ringing generation eliminates centralized ringers and ringing relays, and on-chip subscriber loop testing allows remote line card and loop diagnostics with no external test equipment or relays. The Si3232 performs all programmable SLIC functions in compliance with all relevant LSSGR, ITU, and ETSI specifications; all high-voltage functions are performed by the Si3200 linefeed interface IC.



Features

Ideal for customer premise applications

Low standby power consumption: <65 mW per channel

Internal balanced ringing to 65 Vrms

Software programmable parameters:

  Ringing frequency, amplitude, cadence, and waveshape

  Two-wire ac impedance

  DC loop feed (18–45 mA)

  Loop closure and ring trip thresholds

  Ground key detect threshold

Automatic switching of up to three battery supplies

On-hook transmission

Loop or ground start operation with smooth/abrupt polarity reversal

SPI bus digital interface with programmable interrupts

3.3 V operation

GR-909 loop diagnostics and loopback testing

12 kHz/16 kHz pulse metering

Lead-free/RoHS compatible packages available



Applications

„ Cable telephony

„ Wireless local loop

„ Voice over IP/voice over DSL

„ ISDN terminal adapters




Similar Part No. - SI3232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3232 SILABS-SI3232 Datasheet
234Kb / 2P
Broadband AND Voice Telephony Solutions
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
More results


Similar Description - SI3232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
Dual Programmable Extended CODEC/SLIC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
STMicroelectronics
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
Dual line programmable transient voltage suppressor for SLIC protection
09-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com