Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0103A Datasheet (PDF) - Tripath Technology Inc.

TA0103A Datasheet PDF - Tripath Technology Inc.
Part # TA0103A
Download  TA0103A Download
File Size   262.08 Kbytes
Page   18 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology

TA0103A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0103A Datasheet PDF - Tripath Technology Inc.

Part # TA0103A
Download  TA0103A Click to download

File Size   262.08 Kbytes
Page   18 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology

TA0103A Datasheet (HTML) - Tripath Technology Inc.


TA0103A Product details

GENERAL DESCRIPTION
The TA0103A is a 250W continuous average (4Ω), two channel Amplifier Driver Module which uses Tripath’s proprietary Digital Power Processing (DPP™) technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.

Features
● Class-T architecture
● Proprietary Digital Power Processing technology
    Supports wide range of output power levels
● “Audiophile” Sound Quality
   ◆ 0.04% THD+N @ 55W, 8Ω
   ◆ 0.03% IHF-IM @ 36W, 8Ω
   ◆ 140W @ 8Ω, 0.1% THD+N, VS = +54V
   ◆ 250W @ 4Ω, 0.1% THD+N, VS = +54V
● High Power
   ◆ 150W @ 8Ω, 1% THD+N, VS = +54V
   ◆ 300W @ 4Ω, 1% THD+N, VS = +54V
● High Efficiency
   ◆ 92% @ 155W @ 8Ω, VS = +45V
   ◆ 90% @ 275W @ 4Ω, VS = +45V
● Dynamic Range = 106 dB
● Requires only N-Channel MOSFET output transistors
● High power supply rejection ratio
● Mute input
● Outputs short-circuit protected
● Over- and under-voltage protection
● Bridgeable, single-ended outputs
● 38-pin quad package
  Supports 100kHz BW of Super Audio CD and DVD-Audio (refer to Application Note for specifics)




Similar Part No. - TA0103A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Similar Description - TA0103A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com