Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OH10003 Datasheet (PDF) - Panasonic Semiconductor

OH10003 Datasheet PDF - Panasonic Semiconductor
Part # OH10003
Download  OH10003 Download
File Size   48.74 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description GaAs Hall Device

OH10003 Datasheet (PDF)

Go To PDF Page Download Datasheet
OH10003 Datasheet PDF - Panasonic Semiconductor

Part # OH10003
Download  OH10003 Click to download

File Size   48.74 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description GaAs Hall Device

OH10003 Datasheet (HTML) - Panasonic Semiconductor


OH10003 Product details

GaAs Hall Device

Magnetic sensor

■ Features
• Hall voltage: typ. 150 mV (VC = 6 V, B = 0.1 T)
• Input resistance: typ. 0.85 kΩ
• Satisfactory linearity of GaAs hall voltage with respect to the magnetic field
• Small temperature coefficient of the hall voltage: β ≤ − 0.06%/°C
• Sealed in the Mini type (4-pin) package. Allowing automatic insertion through the taping and the magazine package.

■ Applications
• Various hall motor (VCR, phonograph, VD, CD, and FDD)
• Automotive equipment
• Industrial equipment
• Applicable to wide-varying field (OA equipment, etc.)




Similar Part No. - OH10003

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
OH10004 PANASONIC-OH10004 Datasheet
46Kb / 2P
GaAs Hall Device
OH10008 PANASONIC-OH10008 Datasheet
44Kb / 2P
GaAs Hall Device
OH10009 PANASONIC-OH10009 Datasheet
45Kb / 2P
GaAs Hall Device
More results


Similar Description - OH10003

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
OH017 PANASONIC-OH017 Datasheet
25Kb / 2P
GaAs hall element
OH023 PANASONIC-OH023 Datasheet
26Kb / 2P
GaAs hall element
OH10004 PANASONIC-OH10004 Datasheet
46Kb / 2P
GaAs Hall Device
OH10008 PANASONIC-OH10008 Datasheet
44Kb / 2P
GaAs Hall Device
OH10009 PANASONIC-OH10009 Datasheet
45Kb / 2P
GaAs Hall Device
OH10010 PANASONIC-OH10010 Datasheet
45Kb / 2P
GaAs Hall Device
logo
Sharp Corporation
LT120A SHARP-LT120A Datasheet
22Kb / 2P
Hall Voltage 160mV GaAs Hall Device
LT135A SHARP-LT135A Datasheet
22Kb / 2P
Hall Voltage 240mV GaAs Hall Device
LT140A SHARP-LT140A Datasheet
23Kb / 2P
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
LT140SA SHARP-LT140SA Datasheet
22Kb / 2P
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com