Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ON1003 Datasheet (PDF) - Panasonic Semiconductor

ON1003 Datasheet PDF - Panasonic Semiconductor
Part # ON1003
Download  ON1003 Download
File Size   56.33 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Photo Interrupter

ON1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
ON1003 Datasheet PDF - Panasonic Semiconductor

Part # ON1003
Download  ON1003 Click to download

File Size   56.33 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Photo Interrupter

ON1003 Datasheet (HTML) - Panasonic Semiconductor


ON1003 Product details

Photo Interrupter

For contactless SW, object detection



Outline

ON1003 is an ultraminiature, highly reliable transmittive photosensor in which a high efficiency GaAs infrared light emitting diode chip and a high sensitivity Si phototransistor chip are integrated in a double molded resin package.



Features

• Ultraminiature : 4.2 × 4.2 mm (height : 5.2 mm)

• Fast response : tr, tf = 35 µs (typ.)

• Highly precise position detection : 0.15 mm

• Gap width : 1.2 mm



 




Similar Part No. - ON1003

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON1004 PANASONIC-ON1004 Datasheet
97Kb / 4P
Transmissive Photosensors (Photo lnterrupters) For contactless SW, object detection
More results


Similar Description - ON1003

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
Photo Interrupter
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
Photo Interrupter
logo
Kingbright Corporation
KTIR0611S KINGBRIGHT-KTIR0611S Datasheet
133Kb / 3P
PHOTO-INTERRUPTER
KTIR0821DS KINGBRIGHT-KTIR0821DS Datasheet
149Kb / 4P
PHOTO-INTERRUPTER
KTIR0711S KINGBRIGHT-KTIR0711S Datasheet
146Kb / 4P
PHOTO-INTERRUPTER
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
Photo Interrupter
KIT2009A KODENSHI-KIT2009A Datasheet
156Kb / 4P
Photo Interrupter
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com