Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1702-10 Datasheet (PDF) - Renesas Technology Corp

IW1702-10 Datasheet PDF - Renesas Technology Corp
Part # IW1702-10
Download  IW1702-10 Download
File Size   590.64 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Offline Digital Quasi-Resonant PWM Controller Optimized for 9V Applications with Option for Input OVP

IW1702-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1702-10 Datasheet PDF - Renesas Technology Corp

Part # IW1702-10
Download  IW1702-10 Click to download

File Size   590.64 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Offline Digital Quasi-Resonant PWM Controller Optimized for 9V Applications with Option for Input OVP

IW1702-10 Datasheet (HTML) - Renesas Technology Corp


IW1702-10 Product details

● iW1702-0x/0xB and iW1702-3x/3xB options: external
supplemental output over-voltage protection,
optimized for 9V+ output voltages
● iW1702-1x/1xB options: external input over-voltage
protection, supports 5V+ output voltages
● Adaptively controlled soft-start enables fast and
smooth start-up into large capacitive loads (from
330μF to 6,000μF) at 9V+ output voltages
● Internal single-point fault protections against output
short-circuit, output over-voltage and output overcurrent
● User-configurable light-load operation mode for
optimized dynamic load response and no-load power
consumption
● < 75mW no-load power consumption at 230VAC with
fast dynamic load response in typical 12V, 2A 24W
compact adapter/charger
● PrimAccurateTM Primary-side feedback eliminates
optocouplers and simplifies design● iW1702-0x/0xB and iW1702-3x/3xB options: external
supplemental output over-voltage protection,
optimized for 9V+ output voltages
● iW1702-1x/1xB options: external input over-voltage
protection, supports 5V+ output voltages
● Adaptively controlled soft-start enables fast and
smooth start-up into large capacitive loads (from
330μF to 6,000μF) at 9V+ output voltages
● Internal single-point fault protections against output
short-circuit, output over-voltage and output overcurrent
● User-configurable light-load operation mode for
optimized dynamic load response and no-load power
consumption
● < 75mW no-load power consumption at 230VAC with
fast dynamic load response in typical 12V, 2A 24W
compact adapter/charger
● PrimAccurateTM Primary-side feedback eliminates
optocouplers and simplifies design
● Proprietary optimized 79kHz maximum PWM
switching frequency with quasi-resonant operation
achieves best size, efficiency and common mode
noise
● EZ-EMITM design enhances manufacturability
● Adaptive multi-mode PWM/PFM control improves
efficiency
● User-configurable 5-level cable drop compensation
provides design flexibility in iW1702-0x/0xB and
iW1702-3x/3xB options
● Tight constant-voltage and constant current
regulation across line and load range
● SmartDefender™ smart hiccup technology helps
to address issues of soft shorts in cables and
connectors by effectively reducing the average output
power at fault conditions without latch
● Optional on-chip internal over-temperature protection
● No audible noise over entire operating range
● Space-saving SOT-23 package




Similar Part No. - IW1702-10

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1702 DIALOG-IW1702 Datasheet
565Kb / 8P
Offline Digital Quasi-Resonant PWM Controller Optimized for 9V Applications with Option for Input OVP
More results


Similar Description - IW1702-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
IW1702 DIALOG-IW1702 Datasheet
565Kb / 8P
Offline Digital Quasi-Resonant PWM Controller Optimized for 9V Applications with Option for Input OVP
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
ON Semiconductor
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
FAN6080HMX ONSEMI-FAN6080HMX Datasheet
337Kb / 15P
Offline Quasi-Resonant PWM Controller
August, 2020 ??Rev. 0
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
logo
Diodes Incorporated
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com