Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1760B Datasheet (PDF) - Renesas Technology Corp

IW1760B Datasheet PDF - Renesas Technology Corp
Part # IW1760B
Download  IW1760B Download
File Size   497.23 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode Quasi-Resonant PWM Controller

IW1760B Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1760B Datasheet PDF - Renesas Technology Corp

Part # IW1760B
Download  IW1760B Click to download

File Size   497.23 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode Quasi-Resonant PWM Controller

IW1760B Datasheet (HTML) - Renesas Technology Corp


IW1760B Product details

● No-load power consumption < 50mW at 230VAC along
with fast dynamic load response and short turn-on
delay in typical 20W and above adapter applications
● Primary-side feedback eliminates opto-isolators and
simplifies design
● Adaptively controlled soft-start enables fast and
smooth start-up for a wide range of capacitive loads
(from 330μF to 6,000μF) with output voltage of 12V
and above
● Tight constant-voltage regulation across line and load
range
● Intelligent low power management achieves ultra-low
operating current (~250μA) at no-load
● Proprietary optimized 79kHz maximum PWM switching
frequency with quasi-resonant operation achieves best
size, efficiency and common mode noise
● User-configurable 5-level cable drop compensation
● EZ-EMITM design enhances manufacturability
● Adaptive multi-mode PWM/PFM control improves
efficiency
● Built-in single-point fault protections against output
short-circuit, output over-voltage and output overcurrent
● Dedicated pins for external over-temperature
protection and over-voltage protection, with latch
function available
● Tight constant current control enables output current
limit and over-load protection
● SmartDefender™ smart hiccup technology
helps address issues of soft shorts in cables and
connectors by effectively reducing the average output
power at fault conditions without latch
● On-chip internal over-temperature protection
● No audible noise over entire operating range




Similar Part No. - IW1760B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1760B DIALOG-IW1760B Datasheet
399Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
More results


Similar Description - IW1760B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1600 DIALOG-IW1600 Datasheet
386Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1601 DIALOG-IW1601 Datasheet
364Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1679 DIALOG-IW1679 Datasheet
350Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699 DIALOG-IW1699 Datasheet
362Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699B DIALOG-IW1699B Datasheet
463Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1709 DIALOG-IW1709 Datasheet
328Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1760B DIALOG-IW1760B Datasheet
399Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1600 RENESAS-IW1600 Datasheet
480Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
10-Feb-2022
IW1602 RENESAS-IW1602 Datasheet
518Kb / 7P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
10-Feb-2022
IW1709 RENESAS-IW1709 Datasheet
464Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com