Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1012 Datasheet (PDF) - AiT Semiconductor Inc.

AM1012 Datasheet PDF - AiT Semiconductor Inc.
Part # AM1012
Download  AM1012 Download
File Size   600.81 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET N-CHANNEL 1.8-V (G-S) MOSFET

AM1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM1012 Datasheet PDF - AiT Semiconductor Inc.

Part # AM1012
Download  AM1012 Click to download

File Size   600.81 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET N-CHANNEL 1.8-V (G-S) MOSFET

AM1012 Datasheet (HTML) - AiT Semiconductor Inc.


AM1012 Product details

FEATURES
TrenchFET Power MOSFET: 1.8-V Rated
Gate-Source ESD Protected: 2000V
High-Side Switching
Low On-Resistance: 0.7Ω
Low Threshold: 0.8V (typ)
Fast Switching Speed: 10ns
Available in SC-89 Package

DESCRIPTION FEATURES
The AM1012 is available in SC-89 Package

APPLICATION
 Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories
 Battery Operated Systems
 Power Supply Converter Circuits
 Load/Power Switching Cell Phones, Pagers




Similar Part No. - AM1012

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM101 PANJIT-AM101 Datasheet
42Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Transys Electronics
AM101 TRSYS-AM101 Datasheet
116Kb / 2P
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM101 COMCHIP-AM101 Datasheet
46Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Seoul Semiconductor
AM101-DP SEOUL-AM101-DP Datasheet
576Kb / 13P
Surface-mounted chip LED device
logo
Comchip Technology
AM101-G COMCHIP-AM101-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
More results


Similar Description - AM1012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
N-Channel 1.8 V (G-S) MOSFET
15-Apr-13
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
FTK1012SOT883 FS-FTK1012SOT883 Datasheet
333Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com