Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8022A Datasheet (PDF) - AiT Semiconductor Inc.

AP8022A Datasheet PDF - AiT Semiconductor Inc.
Part # AP8022A
Download  AP8022A Download
File Size   483.29 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH

AP8022A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8022A Datasheet PDF - AiT Semiconductor Inc.

Part # AP8022A
Download  AP8022A Click to download

File Size   483.29 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH

AP8022A Datasheet (HTML) - AiT Semiconductor Inc.


AP8022A Product details

FEATURES
Primary side Sensing and Regulation Without
A431 and Opto-Coupler
High Precision Constant Voltage and Current
Regulation at Universal AC Input
Multi-mode PWM/PFM Operation for Efficiency Improving
Integrated 2A 1000V MOSFET
Good Dynamic Response with Synchronous
Rectifier Application
Programmable CV and CC regulation
Built-in primary winding inductance
Compensation
Programmable Cable Drop Compensation
No need for Control Loop Compensation
Audio Noise free Operation
Built-in leading-edge blanking (LEB)
Ultra-low start-up current and low Operating Current
Comprehensive Protection Coverage with Auto-Recovery
On-Chip OTP
VDD Over Voltage Protection
VDD under Voltage Lockout with Hysteresis (UVLO)
Cycle-by-Cycle Current Limiting
Feedback Loop Open Protection
Output Short Circuit Protection

DESCRIPTION
AP8022A is a high performance offline PSR power
switch for low power AC/DC charger and adapter
applications. It operates in primary-side sensing
and regulation. Consequently, opto-coupler and
A431 could be eliminated. Proprietary Constant
Voltage (CV) and Constant Current (CC) control is
integrated as shown in the figure below.
Typical
lCC/CV Curve
In CC control, the current and output power setting
can be adjusted externally by the sense resistor Rs
at CS pin. In CV control, multi-mode operations are
utilized to achieve high performance and high
efficiency.
In addition, good load regulation is achieved by the
built-in cable drop compensation. Device operates
in PFM in CC mode at large load condition and it
operates in PWM with frequency reduction at
light/medium load.
The AP8022A consumes very low operation
current. It achieves less than 75mW standby power
to meet strict s standby power standard.
AP8022A offers comprehensive protection
coverage with auto-recovery feature including
Cycle-by-Cycle current limiting, VDD over voltage
protection, feedback loop open protection, built-in
leading-edge blanking, VDD under voltage lockout
(UVLO), OTP etc.
The AP8022A is available in DIP7 packages.

APPLICATION
Low Power AC/DC offline SMPS for
Industrial instruments: single / three-phase meters
Outdoor monitoring / protection equipment
AC / DC with high input voltage




Similar Part No. - AP8022A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AP8022 AITSEMI-AP8022 Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8022P8U AITSEMI-AP8022P8U Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8022P8VU AITSEMI-AP8022P8VU Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
More results


Similar Description - AP8022A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSS1650 UTC-UPSS1650 Datasheet
206Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651 UTC-US3651 Datasheet
205Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB01 UTC-USRB01 Datasheet
199Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3652 UTC-US3652_16 Datasheet
172Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3652S UTC-USR3652S Datasheet
252Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
logo
AiT Semiconductor Inc.
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com