Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M32A Datasheet (PDF) - Holtek Semiconductor Inc

HT82M32A Datasheet PDF - Holtek Semiconductor Inc
Part # HT82M32A
Download  HT82M32A Download
File Size   168.44 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3/5-Key 3D PS/2 Optical Mouse Controller

HT82M32A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82M32A Datasheet PDF - Holtek Semiconductor Inc

Part # HT82M32A
Download  HT82M32A Click to download

File Size   168.44 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3/5-Key 3D PS/2 Optical Mouse Controller

HT82M32A Datasheet (HTML) - Holtek Semiconductor Inc


HT82M32A Product details

General Description
The HT82M32A/HT82M32B are designed as 2D, 3D 3/5-key PS/2 optical mouse controller. These have serial interface to access the PixArt sensor PAN101, PAN301, PAN3101 or the same compatible series sensor. Refer to the datasheets for detailed register descriptions of the PixArt sensors.

Feature
• Operating voltage: 4.0V~5.5V
• Microsoft Intelli 3D PS/2 and IBM PS/2 mouse compatible
• Microsoft Windows 2000 and 5-button Wheel mouse compatible
• Z-axis can support two kinds of scroller input divided by 2 or 4 (package option)
• Serial interface with PAN101, PAN301, PAN3101
• Auto detect as to which photo sensor is used
• 2MHz RC oscillator for system frequency with external pull-high resistor (140kΩ)
• 16-pin DIP package




Similar Part No. - HT82M32A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
3/5-Key 3D PS/2 Optical Mouse Controller
August 4, 2004
HT82M30A-16DIP-A HOLTEK-HT82M30A-16DIP-A Datasheet
177Kb / 13P
3/5-Key 3D PS/2 Optical Mouse Controller
August 4, 2004
HT82M30A-18DIP-A HOLTEK-HT82M30A-18DIP-A Datasheet
177Kb / 13P
3/5-Key 3D PS/2 Optical Mouse Controller
August 4, 2004
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
3D Mouse Controller
3rd Mar 99
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
3/5-Key 3D PS/2 Optical Mouse Controller
May 30, 2007
More results


Similar Description - HT82M32A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
5-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
3/5-Key 3D PS/2 Optical Mouse Controller
August 4, 2004
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
3/5-Key USBPS/2 Optical Mouse Controller
January 22, 2007
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
3/5-Key USBPS/2 Optical Mouse Controller
May 14, 2007
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
3/5-Key 3D PS/2 Optical Mouse Controller
May 30, 2007
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
3-Key 3D PS/2 Mouse Controller
September 23, 2005
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
5-Key 3D WIN2000 PS/2 Mouse Controller
October 12, 2006
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com