Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1015-1 Datasheet (PDF) - Holtek Semiconductor Inc

HT1015-1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1015-1
Download  HT1015-1 Download
File Size   169.51 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1.5V Low Power LDO

HT1015-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1015-1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1015-1
Download  HT1015-1 Click to download

File Size   169.51 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1.5V Low Power LDO

HT1015-1 Datasheet (HTML) - Holtek Semiconductor Inc


HT1015-1 Product details

General Description
The HT1015-1 is a three-terminal low power voltage regulator implemented in CMOS technology. It is available with a fixed output voltage at 1.5V. CMOS technology ensures low voltage drop and low quiescent current. Although designed primarily as a fixed voltage regulator, this device can be used with external components to obtain variable voltages and currents.

Features
• Low power consumption
• Low voltage drop
• Low temperature coefficient
• Wide operating voltage (12V max.)
• TO92, SOT89 and SOT23-5 package

Applications
• Battery-powered equipment
• Communication equipment
• Audio/Video equipment




Similar Part No. - HT1015-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1015-1 HOLTEK-HT1015-1_16 Datasheet
167Kb / 9P
1.5V Low Power LDO
June 25, 2016
More results


Similar Description - HT1015-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
100mA Low Power LDO
June 1, 2011
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
30mA Low Power LDO
HT1015-1 HOLTEK-HT1015-1_16 Datasheet
167Kb / 9P
1.5V Low Power LDO
June 25, 2016
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
100mA Low Power LDO
Rev.A
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
300mA Low Power LDO
HM78XX HMSEMI-HM78XX Datasheet
1Mb / 13P
0.5A Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
300mA Low Power LDO
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com