Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPEXT481 Datasheet (PDF) - Tripp Lite. All Rights Reserved

BPEXT481 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # BPEXT481
Download  BPEXT481 Download
File Size   40.11 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Extension Cable for Select Tripp Lite Battery Packs, Blue 175A DC Connectors, 1 ft. (0.31 m)

BPEXT481 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPEXT481 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # BPEXT481
Download  BPEXT481 Click to download

File Size   40.11 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Extension Cable for Select Tripp Lite Battery Packs, Blue 175A DC Connectors, 1 ft. (0.31 m)

BPEXT481 Datasheet (HTML) - Tripp Lite. All Rights Reserved


BPEXT481 Product details

Features
Connects SMART5000XFMRXL UPS and BP48V24-2U Battery Pack in Front-Mount Rack

Description
The BPEXT481 Extension Cable allows you to connect your Tripp Lite SMART5000XFMRXL UPS system
and BP48V24-2U battery pack in a front-mount four-post rack configuration in order to extend runtime. It
also adds 1-ft. (0.31 m) to the connection between other compatible Tripp Lite 48V UPS systems and
external battery packs. The BPEXT481 is constructed using 6 AWG two-conductor black cabling. It
features two Blue 175A DC connectors: one output for the battery pack and one input for the UPS system.

Application
Compatible with other Tripp Lite 48V UPS systems and battery packs
Heavy-duty 6 AWG 2-conductor black cabling
2 Blue 175A DC connectors (1 output, 1 input)
1-ft. (0.31 m) in length




Similar Part No. - BPEXT481

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BPE-494 MACOM-BPE-494 Datasheet
74Kb / 1P
BPE-494 3PST N.O. ELCU, 175 Amps,115/200 VAC, 400 Hz
logo
Richco, Inc.
BPE-LC-D-01 RICHCO-BPE-LC-D-01 Datasheet
25Kb / 1P
BLANKING PLUGS - NYLON 6/6 UL94 V-2 (RMS-01)
BPE-RJ45-01 RICHCO-BPE-RJ45-01 Datasheet
25Kb / 1P
BLANKING PLUGS - NYLON 6/6 UL94 V-2 (RMS-01)
BPE-SC-1-01 RICHCO-BPE-SC-1-01 Datasheet
25Kb / 1P
BLANKING PLUGS - NYLON 6/6 UL94 V-2 (RMS-01)
BPE-SC-2-01 RICHCO-BPE-SC-2-01 Datasheet
25Kb / 1P
BLANKING PLUGS - NYLON 6/6 UL94 V-2 (RMS-01)
More results


Similar Description - BPEXT481

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP240V33 ETC2-BP240V33 Datasheet
546Kb / 3P
External 240V Tower Battery Pack for select Tripp Lite UPS Systems
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
logo
Tripp Lite. All Rights ...
48VDCSPLITTER TRIPPLITE-48VDCSPLITTER Datasheet
478Kb / 2P
Y Splitter Cable for Select Tripp Lite Battery Packs, Blue 175A DC Connectors, 1 ft. (0.3 m)
BP480V200 TRIPPLITE-BP480V200 Datasheet
153Kb / 2P
External Battery Pack for select Tripp Lite 3- Phase UPS Systems
BP480V300 TRIPPLITE-BP480V300 Datasheet
152Kb / 2P
External Battery Pack for select Tripp Lite 3- Phase UPS Systems
BP480V400 TRIPPLITE-BP480V400 Datasheet
152Kb / 2P
External Battery Pack for select Tripp Lite 3- Phase UPS Systems
BP480V500 TRIPPLITE-BP480V500 Datasheet
152Kb / 2P
External Battery Pack for select Tripp Lite 3-Phase UPS Systems
RBC48S TRIPPLITE-RBC48S Datasheet
169Kb / 2P
Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com