Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMNH32HVAT2 Datasheet (PDF) - Tripp Lite. All Rights Reserved

PDUMNH32HVAT2 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # PDUMNH32HVAT2
Download  PDUMNH32HVAT2 Download
File Size   168.38 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 7.4kW 200-240V Single-Phase ATS/Monitored PDU - 16 C13 & 2 C19 Outlets, Dual IEC 309 32A Blue Inputs, 3 m Cords, 2U, TAA

PDUMNH32HVAT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDUMNH32HVAT2 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # PDUMNH32HVAT2
Download  PDUMNH32HVAT2 Click to download

File Size   168.38 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 7.4kW 200-240V Single-Phase ATS/Monitored PDU - 16 C13 & 2 C19 Outlets, Dual IEC 309 32A Blue Inputs, 3 m Cords, 2U, TAA

PDUMNH32HVAT2 Datasheet (HTML) - Tripp Lite. All Rights Reserved


PDUMNH32HVAT2 Product details

Features
Single-Phase 32A 200-240V ATS PDU Distributes and Monitors Network-Grade Power in Real Time
This monitored PDU provides real-time remote monitoring of voltage, frequency and load levels via its
built-in network interface. Ideal for network IT applications, small computer rooms and other equipment
rack applications, the PDUMNH32HVAT2 features 16 C13 and 2 C19 outlets in two load banks, each
bank protected by a 20A circuit breaker. Dual three-meter power cords with IEC 309 32A Blue inputs
connect to separate primary and secondary mains circuits, backup generators, UPS systems or utility
power grids, including out-of-phase sources.

Switches from Primary to Secondary Power Source in Milliseconds
Dynamic solid-state automatic transfer switching (ATS) allows the PDU to switch to the secondary source
within 1-5 milliseconds, should the primary source fail or become unstable, to ensure your connected
equipment operates without interruption. An on-board ATS processor constantly evaluates the power
quality of both input sources. It prevents switching if the secondary source is unavailable or of lower
quality than the primary source.

Built-In LX Platform Network Management Card Allows Remote Access 24/7
The Java-free HTML5-based WEBCARDLX network interface enables full remote access for PDU status
monitoring and email notifications via secure web browser, SNMP, telnet or SSH. The latest version of
PowerAlert Device Manager (PADM20) provides enhanced remote management capabilities, including
customizable dashboard graphs to fit user preferences. The PADM20 upgrade and Tripp Lite’s PowerAlert
Element Manager (PAEM) form a powerful tool for expanding maintenance functions in large installations,
including firmware update checks and backup and restoration of device configurations.

Digital Load Meter Helps Prevent Potentially Expensive Overloads
A digital ammeter reports the total load for all connected equipment in amps and kilowatts. Monitoring
capacity helps ensure load levels remain well below maximum capacity levels with no danger of overload
that could lead to costly downtime or damaged equipment. Maintaining proper load levels, even while
adding new equipment, can keep your TCO (total cost of ownership) low. Current monitoring provides 1%
billing grade accuracy.
Mounts into 2U of Rack Space or on a Wall




Similar Part No. - PDUMNH32HVAT2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNH32HVAT TRIPPLITE-PDUMNH32HVAT Datasheet
504Kb / 4P
7.4kW Single-Phase 230V ATS/Monitored PDU, IEC309 32A Blue Outlet, 2 IEC309 32A Blue Inputs, 1U Rack-Mount
More results


Similar Description - PDUMNH32HVAT2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDU3XEVN6G20 TRIPPLITE-PDU3XEVN6G20 Datasheet
173Kb / 3P
11.5kW 3-Phase Monitored PDU ??LX Platform, 42 C13 & 6 C19 Outlets, IEC 309 16/20A Red, 0U, TAA
PDU3XEVSR6G32A TRIPPLITE-PDU3XEVSR6G32A Datasheet
175Kb / 4P
22.2kW 3-Phase Switched PDU - 12 C13 & 12 C19 Outlets, IEC 309 32A Red, 0U, Outlet Monitoring, TAA
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMH32HVNET TRIPPLITE-PDUMH32HVNET Datasheet
170Kb / 4P
7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDUMNH32HV TRIPPLITE-PDUMNH32HV Datasheet
167Kb / 4P
7.4kW Single-Phase Monitored PDU with LX Platform Interface, 230V Outlets (12-C13, 4-C19), IEC-309 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMNV32HV2LX TRIPPLITE-PDUMNV32HV2LX Datasheet
188Kb / 4P
7.4kW Single-Phase Monitored PDU, LX Interface, 230V Outlets (36 C13/6 C19), IEC 309 32A Blue, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMNH20HVAT1 TRIPPLITE-PDUMNH20HVAT1 Datasheet
159Kb / 3P
3.8kW 200??40V Single-Phase ATS/Monitored PDU - 8 C13 and 2 C19 Outlets, Dual C20 Inlets, 12 ft. Cords, Network Card, 1U, TAA
PDU3VN6G60C TRIPPLITE-PDU3VN6G60C Datasheet
166Kb / 4P
18.7kW 3-Phase Monitored PDU, 200/208/240V Outlets (36-C13), IEC-309 60A Blue, 6 ft Cord, 0U Vertical, TAA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com