Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet (PDF) - SMSC Corporation

LAN91C111 Datasheet PDF - SMSC Corporation
Part # LAN91C111
Download  LAN91C111 Download
File Size   1664.88 Kbytes
Page   142 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 10/100 Non-PCI Ethernet Single Chip MAC PHY

LAN91C111 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN91C111 Datasheet PDF - SMSC Corporation

Part # LAN91C111
Download  LAN91C111 Click to download

File Size   1664.88 Kbytes
Page   142 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 10/100 Non-PCI Ethernet Single Chip MAC PHY

LAN91C111 Datasheet (HTML) - SMSC Corporation


LAN91C111 Product details

General Description

The SMSC LAN91C111 is designed to facilitate the implementation of a third generation of Fast

Ethernet connectivity solutions for embedded applications. For this third generation of products,

flexibility and integration dominate the design requirements. The LAN91C111 is a mixed signal

Analog/Digital device that implements the MAC and PHY portion of the CSMA/CD protocol at 10 and 100 Mbps. The design will also minimize data throughput constraints utilizing a 32-bit, 16-bit or 8-bit bus Host interface in embedded applications.

The total internal memory FIFO buffer size is 8 Kbytes, which is the total chip storage for transmit and receive operations.

The SMSC LAN91C111 is software compatible with the LAN9000 family of products.



PRODUCT FEATURES

„ Single Chip Ethernet Controller

„ Dual Speed - 10/100 Mbps

„ Fully Supports Full Duplex Switched Ethernet

„ Supports Burst Data Transfer

„ 8 Kbytes Internal Memory for Receive and Transmit FIFO Buffers

„ Enhanced Power Management Features

„ Optional Configuration via Serial EEPROM Interface

„ Supports 8, 16 and 32 Bit CPU Accesses

„ Internal 32 Bit Wide Data Path (Into Packet Buffer Memory)

„ Built-in Transparent Arbitration for Slave Sequential Access Architecture

„ Flat MMU Architecture with Symmetric Transmit and Receive Structures and Queues

„ 3.3V Operation with 5V Tolerant IO Buffers (See Pin List Description for Additional Details)

„ Single 25 MHz Reference Clock for Both PHY and MAC

„ External 25Mhz-output pin for an external PHY supporting PHYs physical media.

„ Low Power CMOS Design

„ Supports Multiple Embedded Processor Host Interfaces

  —ARM

  —SH

  — Power PC

  — Coldfire

  — 680X0, 683XX

  — MIPS R3000

„ 3.3V MII (Media Independent Interface) MAC-PHY Interface Running at Nibble Rate

„ MII Management Serial Interface

„ 128-Pin QFP package; lead-free RoHS compliant package also available.

„ 128-Pin TQFP package, 1.0 mm height; lead-free RoHS compliant package also available.

„ Commercial Temperature Range from 0°C to 70°C (LAN91C111)

„ Industrial Temperature Range from -40°C to 85°C (LAN91C111i)



Network Interface

„ Fully Integrated IEEE 802.3/802.3u-100Base-TX/10Base-T Physical Layer

„ Auto Negotiation: 10/100, Full / Half Duplex

„ On Chip Wave Shaping - No External Filters Required

„ Adaptive Equalizer

„ Baseline Wander Correction

„ LED Outputs (User selectable – Up to 2 LED functions at one time)

  — Link

  — Activity

  — Full Duplex

  — 10/100

  — Transmit

  — Receive




Similar Part No. - LAN91C111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
Pulse A Technitrol Comp...
LAN91C111 PULSE-LAN91C111 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Microchip Technology
LAN91C111-NS MICROCHIP-LAN91C111-NS Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111-NS SMSC-LAN91C111-NS Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microchip Technology
LAN91C111-NU MICROCHIP-LAN91C111-NU Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
More results


Similar Description - LAN91C111

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
Single Port MAC/PHY Controller with Non PCI Interface
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com