Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-85563 Datasheet (PDF) - Agilent(Hewlett-Packard)

MGA-85563 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MGA-85563
Download  MGA-85563 Download
File Size   117.0 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications

MGA-85563 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGA-85563 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MGA-85563
Download  MGA-85563 Click to download

File Size   117.0 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications

MGA-85563 Datasheet (HTML) - Agilent(Hewlett-Packard)


MGA-85563 Product details

Description
Agilent’s MGA-85563 is an easy-to-use GaAs RFIC amplifier that offers low noise figure and high gain from 0.8 to 6 GHz. Packaged in an ultraminiature SOT-363 package, it requires half the board space of a SOT-143 package.
The MGA-85563 features a minimum noise figure of 1.6 dB and associated gain of 18 dB at 1.9 GHz. The output is matched internally to 50 Ω, and the input is partially matched, requiring only a single external inductor for optimal performance. The supply current can be adjusted using an external resistor, varying IP3 from +12 dBm to +17 dBm.

Features
• 1.6 dB minimum Noise Figure at 1.9 GHz
• Adjustable IP3 from +12 dBm to +17 dBm via External Resistor
• 18 dB Gain at 1.9 GHz
• Single 3 V Supply
• Unconditionally Stable

Applications
• Amplifier for Cellular, PCS, and Wireless LAN Applications




Similar Part No. - MGA-85563

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-85563 AVAGO-MGA-85563 Datasheet
206Kb / 13P
3-volt Low Noise Amplifier
logo
Broadcom Corporation.
MGA-85563 BOARDCOM-MGA-85563 Datasheet
206Kb / 13P
3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
More results


Similar Description - MGA-85563

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-13-6012 TELEDYNE-CLA-13-6012 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-85563 AVAGO-MGA-85563 Datasheet
206Kb / 13P
3-volt Low Noise Amplifier
logo
Broadcom Corporation.
MGA-85563 BOARDCOM-MGA-85563 Datasheet
206Kb / 13P
3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
DEMO-MGA-85A BOARDCOM-DEMO-MGA-85A Datasheet
206Kb / 13P
3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com