Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3802L Datasheet (PDF) - Pericom Semiconductor Corporation

PI49FCT3802L Datasheet PDF - Pericom Semiconductor Corporation
Part # PI49FCT3802L
Download  PI49FCT3802L Download
File Size   436.76 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:5/1:7 Clock Buffer for Networking Applications

PI49FCT3802L Datasheet (PDF)

Go To PDF Page Download Datasheet
PI49FCT3802L Datasheet PDF - Pericom Semiconductor Corporation

Part # PI49FCT3802L
Download  PI49FCT3802L Click to download

File Size   436.76 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:5/1:7 Clock Buffer for Networking Applications

PI49FCT3802L Datasheet (HTML) - Pericom Semiconductor Corporation


PI49FCT3802L Product details

Description

The PI49FCT380x is a 3.3V compatible, high-speed, low-noise non-inverting clock buffer. The key goal in designing the PI6C380x is to target networking applications that require low skew, low-jitter, and high-frequency clock distribution. Providing output-to-output skew as low as 250ps, the PI49FCT380x is an ideal clock distribution device for synchronous systems. Designing synchronous networking systems requires a tight level of skew from a large number of outputs.



Features

• High Frequency >156 MHz

• High-speed, low-noise, non-inverting buffer

   - PI49FCT3802 is 1:5 buffer

   - PI49FCT3803 is 1:7 buffer

• Low-skew (<250ps) between any two output clocks

• Low duty cycle distortion <250ps

• Low propagation delay <2.5ns

• 5V Tolerant input

• Multiple VDD, GND pins for noise reduction

• 3.3V supply voltage

• Packaging (Pb-free & Green available):

   - 16-pin TSSOP (L)

   - 16-pin QSOP (Q)



 




Similar Part No. - PI49FCT3802L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804AS PERICOM-PI49FCT3804AS Datasheet
170Kb / 7P
3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804ASE PERICOM-PI49FCT3804ASE Datasheet
170Kb / 7P
3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804S PERICOM-PI49FCT3804S Datasheet
170Kb / 7P
3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804SE PERICOM-PI49FCT3804SE Datasheet
170Kb / 7P
3.3V Fast CMOS Buffer/Clock Driver
More results


Similar Description - PI49FCT3802L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
Precision 1-7 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
Precision 1-7 Clock Buffer
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com